Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML012ECT Datasheet(PDF) 1 Page - Rohm

Part # SML012ECT
Description  Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML012ECT Datasheet(HTML) 1 Page - Rohm

  SML012ECT Datasheet HTML 1Page - Rohm SML012ECT Datasheet HTML 2Page - Rohm SML012ECT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tolerance:±0.2
Terminal
Cathode mark
3.0
2.3
0.5
0.3
1.6
2-R0.3
1.3
+0.2
-0.1
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Feeding direction
1.6
Y
X
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
Label Position
11.4±1
Tolerance:± 0.2
Tolerance:± 0.2
Emitting Color
Material
Package Size(mm)
Part No.
note) "-" will be taken out for emitting color B/E series.
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(µA)
Resin Color
Peak
forward
current
IFP∗
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Storage
temperature
Tstg
(
°C)
Emitting
color
VR
(V)
Peak Half-wave
∆λ
AlGaInP on GaAs
InGaN on SiC
The recommended thickness of the screen mask
for soldering is between 100 and 150µm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Tape Specifications:T86 <2,500pcs:reel>
(Unit:mm)
SML-01
∗ Series
Blue
Green
Yellow
Orange
Red
Reel Specifications
SML012BC4T
SML013BDT
SML012BCT
SML012ECT
SML-012PT (A)
SML012EC4T
SML-012YT
SML-012WT (A)
SML-012DT
SML-012UT
SML-012VT (A)
SML-013UT
SML-011YT
SML-011DT
SML-011UT
20
30
100
100
5
-30 to +85
-30 to +85
-40 to +100
-40 to +100
Blue
Green
Yellow
Orange
Red
84
84
78
25
60
62
75
Transparent
Colorless
SML012BC4T
SML012BCT
SML013BDT
SML012EC4T
SML012ECT
SML-012PT (A)
SML-012YT
SML-012WT (A)
SML-012DT
SML-012UT
SML-012VT (A)
SML-013UT
SML-011YT
SML-011DT
SML-011UT
3.2
3.3
3.2
3.2
3.3
2.1
2.0
20
20
20
100
10
523
590
611
630
26
468
36
518
35
565
−
−
15
17
18
639
−
20∗1
20∗1
20∗1
620∗2
−
90
220
22
36
36
100
90
250
56
36
36
36
140
140
360
9.0
18
100
140
280
22
63
22
63
22
63
100
100
35.5
71
5
3020(1208) 3.0
×2.0(t=1.3)
SML012ECT SML-012PT (A)
SML012EC4T
SML012BCT SML013BDT
SML012BC4T
SML-011YT SML-012YT SML-012WT (A) SML-011DT
SML-012DT
SML-012UT SML-012VT(A) SML-013UT
:Duty
1/10,1kHz.
2 : Dominant
λD light wavelength
SML01
∗ series
SML013BDT
2± 0.05
4± 0.1
φ1.5
2.4
1.6
+1
0
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
SML-01
∗ series
SML-01
∗(A) series
Y
X
Y’
X’
SML-011UT
Chip LEDs with Reflector
1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
Absolute Maximum Ratings (Ta=25
°C)
Electrical Optical Characteristics (Ta=25
°C)
1:Pulse width : 30ms
Recommended Pad Layout
Packaging Specifications (Unit:mm)
Directivity (Typ.)
Dimensions (Unit:mm)


Similar Part No. - SML012ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML012ECT ROHM-SML012ECT Datasheet
349Kb / 3P
High Brightness Type Chip LEDs with reflector
SML012ECT ROHM-SML012ECT Datasheet
148Kb / 3P
SML-01 Series Reflector improved the concentration of viewing angle
SML012ECT ROHM-SML012ECT Datasheet
2Mb / 5P
Reflector type (3.0 x 2.0mm, t=1.3mm
SML012ECT ROHM-SML012ECT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML012ECT ROHM-SML012ECT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results

Similar Description - SML012ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
Standard Type Chip LEDs with reflector
SML-01 ROHM-SML-01 Datasheet
349Kb / 3P
High Brightness Type Chip LEDs with reflector
SML31 ROHM-SML31 Datasheet
221Kb / 3P
High Brightness Type Mini-molded chip LEDs
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML-012P8T ROHM-SML-012P8T Datasheet
104Kb / 2P
Chip LEDs with Reflector Standard Type
logo
Dialight Corporation
C-17866 DIALIGHT-C-17866 Datasheet
125Kb / 1P
1208 CHIP LED WITH REFLECTOR RoHS COMPLIANT
logo
Rohm
SML-01 ROHM-SML-01_11 Datasheet
2Mb / 5P
Reflector type (3.0 x 2.0mm, t=1.3mm
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
Standard Type Chip LEDs with reflector
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
Reflector type (3.0x2.0mm, t 1.3mm)
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
Reflector type (3.0횞2.0mm, t=1.3mm)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com