Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM3N90CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3N90CPROG
Description  900V N-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3N90CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM3N90CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3N90CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3N90CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3N90CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3N90CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3N90CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM3N90CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM3N90CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM3N90CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TSM3N90
900V N-Channel Power MOSFET
1/12
Version: C13
TO-220
ITO-220
PRODUCT SUMMARY
VDS (V)
RDS(on)(
Ω)
ID (A)
900
5.1 @ VGS =10V
1.25
General Description
The
TSM3N90
N-Channel
Power
MOSFET
is
produced by new advance planar process. This
advanced technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching performance, and withstand high energy
pulse in the avalanche and commutation mode.
TO-251
(IPAK)
TO-252
(DPAK)
Features
●
Low RDS(ON) 4.3Ω (Typ.)
●
Low gate charge typical @ 17nC (Typ.)
●
Low Crss typical @ 8.7pF (Typ.)
Ordering Information
Part No.
Package
Packing
TSM3N90CH C5G
TO-251
75pcs / Tube
TSM3N90CP ROG
TO-252
2.5Kpcs / 13” Reel
TSM3N90CZ C0
TO-220
50pcs / Tube
TSM3N90CI C0G
ITO-220
50pcs / Tube
Note: “G” denotes for Halogen Free
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
IPAK/DPAK
ITO-220
TO-220
Drain-Source Voltage
VDS
900
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
Tc = 25ºC
ID
2.5
A
Tc = 100ºC
1.6
A
Pulsed Drain Current *
IDM
10
A
Single Pulse Avalanche Energy (Note 2)
EAS
10
mJ
Avalanche Current (Repetitive) (Note 1)
IAR
2.5
A
Repetitive Avalanche Energy (Note 1)
EAR
9.4
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Total Power Dissipation @ TC = 25
oC
PTOT
94
32
94
W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
Note: Limited by maximum junction temperature
Pin Definition:
1. Gate
2. Drain
3. Source
Block Diagram
N-Channel MOSFET


Similar Part No. - TSM3N90CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3N90CP TSC-TSM3N90CP Datasheet
531Kb / 12P
900V N-Channel Power MOSFET
More results

Similar Description - TSM3N90CPROG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
900V N-CHANNEL POWER MOSFET
2N90 UTC-2N90_11 Datasheet
203Kb / 6P
2A, 900V N-CHANNEL POWER MOSFET
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
7A, 900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N90 TSC-TSM3N90 Datasheet
531Kb / 12P
900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90 Datasheet
410Kb / 10P
900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90 Datasheet
406Kb / 10P
900V N-Channel Power MOSFET
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
900V N-Channel Power MOSFET
TSM9N90_1311 TSC-TSM9N90_1311 Datasheet
491Kb / 10P
900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
900V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com