Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS20124SPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IRS20124SPBF
Description  Digital Audio Driver with Discrete Deadtime and Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20124SPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IRS20124SPBF Datasheet HTML 17Page - International Rectifier IRS20124SPBF Datasheet HTML 18Page - International Rectifier IRS20124SPBF Datasheet HTML 19Page - International Rectifier IRS20124SPBF Datasheet HTML 20Page - International Rectifier IRS20124SPBF Datasheet HTML 21Page - International Rectifier IRS20124SPBF Datasheet HTML 22Page - International Rectifier IRS20124SPBF Datasheet HTML 23Page - International Rectifier IRS20124SPBF Datasheet HTML 24Page - International Rectifier IRS20124SPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.irf.com
21
IRS20124S(PbF)
DT/SD pin
DT/SD pin provides two functions: 1) setting dead-
time and 2) shutdown. The IRS20124 determines
its operation mode based on the voltage applied
to the DT/SD pin. An internal comparator
translates which mode is being used by comparing
internal reference voltages. Threshold voltages for
each mode are set internally by a resistive voltage
divider off Vcc, negating the need of using a precise
absolute voltage to set the mode.
Vcc
0.89xVcc
0.57xVcc
0.36xVcc
0.23xVcc
Shutdown
45nS
35nS
25nS
15nS
Operational Mode
VDT
Dead-time
Deadtime Settings vs VDT Voltage
Design Example
Table 1 shows suggested values of resistance for
setting the deadtime. Resistors with up to 5%
tolerance can be
used if these
listed values are
followed.
Vcc
COM
DT/SD
>0.5mA
R1
R2
IRS20124
Table 1. Suggested
Resistor Values for Deadtime
Settings
Shutdown
Since IRS20124 has internal deadtime generation,
independent inputs for HO and LO are no longer
provided. Shutdown mode is the only way to turn
off both MOSFETs simultaneously to protect them
from over current conditions. If the DT/SD pin de-
tects an input voltage below the threshold, V
DT4,
the IRS20124 will output 0 V at both HO and LO
outputs, forcing the switching output node to go
into a high impedance state.
Over Current Sensing
In order to protect the power MOSFET, IRS20124
has a feature to detect over-current conditions,
which can occur when speaker wires are shorted
together. The over-current shutdown feature can
be configured by combining the current sensing
function with the shutdown mode via the DT/SD pin.
Load Current Direction in Class D
Audio
Application
In a Class D audio amplifier, the direction of the
load current alternates according to the audio in-
put signal. An over current condition can therefore
happen during either a positive current cycle or a
negative current cycle. It should be noted that
External Resistor
Deadtime
mode
R1
(Ω)
R2
(Ω)
DT/SD
(V)
DT1
<10k
Open
1.00 (Vcc)
DT2
3.3k
8.2k
0.71 (Vcc)
DT3
5.6k
4.7k
0.46 (Vcc)
DT4
8.2k
3.3k
0.29 (Vcc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com