Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS20124SPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IRS20124SPBF
Description  Digital Audio Driver with Discrete Deadtime and Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20124SPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IRS20124SPBF Datasheet HTML 9Page - International Rectifier IRS20124SPBF Datasheet HTML 10Page - International Rectifier IRS20124SPBF Datasheet HTML 11Page - International Rectifier IRS20124SPBF Datasheet HTML 12Page - International Rectifier IRS20124SPBF Datasheet HTML 13Page - International Rectifier IRS20124SPBF Datasheet HTML 14Page - International Rectifier IRS20124SPBF Datasheet HTML 15Page - International Rectifier IRS20124SPBF Datasheet HTML 16Page - International Rectifier IRS20124SPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.irf.com
13
IRS20124S(PbF)
Max.
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100 125
Temperature (oC)
Figure 14A. Offset Supply Leakage
Current vs. Temperature V
B= 200 V
Max.
Typ.
-10
10
30
50
70
90
110
50
80
110
140
170
200
VB Boost Voltage (V)
Figure 14B. Offset Supply Leakage
Current vs. Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 15A. V
BS Supply Cur r e nt
vs. Tem perature
0
1
1
2
2
3
10
12
14
16
18
20
VBS Supply Voltage (V)
Figure 15B. V
BS Supply Cur re nt
vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com