Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80F52 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT80F52
Description  8-Bit Microcontroller with 8K Bytes QuickFlash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80F52 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT80F52 Datasheet HTML 9Page - ATMEL Corporation AT80F52 Datasheet HTML 10Page - ATMEL Corporation AT80F52 Datasheet HTML 11Page - ATMEL Corporation AT80F52 Datasheet HTML 12Page - ATMEL Corporation AT80F52 Datasheet HTML 13Page - ATMEL Corporation AT80F52 Datasheet HTML 14Page - ATMEL Corporation AT80F52 Datasheet HTML 15Page - ATMEL Corporation AT80F52 Datasheet HTML 16Page - ATMEL Corporation AT80F52 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AT80F52
3-27
Figure 9. Verifying the QuickFlash Memory
QuickFlash Verification Characteristics
TA = 0°C to 70°C, VCC = 5.0 ± 10%
QuickFlash Verification Waveforms
P1
P2.6
P3.6
P2.0 - P2.4
A0 - A7
ADDR.
OOOOH/1FFFH
SEE QUICK FLASH
VERIFICATION
MODES TABLE
3-20 MHz
A8 - A12
P0
+5V
P2.7
PGM DATA
(USE 10K
PULLUPS)
V
IH
V
IH
ALE
P3.7
XTAL 2
EA
RST
PSEN
XTAL1
GND
V
CC
AT80F52
Symbol
Parameter
Min
Max
Units
1/tCLCL
Oscillator Frequency
3
20
MHz
tAVQV
Address to Data Valid
48tCLCL
tELQV
ENABLE Low to Data Valid
48tCLCL
tEHQZ
Data Float After ENABLE
0
48tCLCL
tAVQV
tELQV
tEHQZ
P1.0 - P1.7
P2.0 - P2.4
ALE
EA
LOGIC 1
LOGIC 1
LOGIC 0
LOGIC 0
PORT 0
P2.7
(ENABLE)
VERIFICATION
ADDRESS
DATA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com