Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS53 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89LS53
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89LS53 Datasheet HTML 23Page - ATMEL Corporation AT89LS53 Datasheet HTML 24Page - ATMEL Corporation AT89LS53 Datasheet HTML 25Page - ATMEL Corporation AT89LS53 Datasheet HTML 26Page - ATMEL Corporation AT89LS53 Datasheet HTML 27Page - ATMEL Corporation AT89LS53 Datasheet HTML 28Page - ATMEL Corporation AT89LS53 Datasheet HTML 29Page - ATMEL Corporation AT89LS53 Datasheet HTML 30Page - ATMEL Corporation AT89LS53 Datasheet HTML 31Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
AT89LS53
4-278
AT89LS53
TYPICAL ICC (IDLE) at 25°C
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
4
8
12
16
20
24
F (MHz)
V=
CC
V=
CC
6.0V
5.0V
I
C
C
m
A
V=
CC
3.0V
AT89LS53
TYPICAL ICC (ACTIVE) at 25°C
0
4
8
12
16
20
24
0
4
8
12
16
20
24
F (MHz)
V = 6.0V
CC
V = 5.0V
CC
V = 3.0V
CC
I
C
C
m
A
0
5
10
15
20
3.0V
4.0V
5.0V
6.0V
I
C
C
µ
A
AT89LS53
TYPICAL ICC vs. VOLTAGE - POWER DOWN (85°C)
V
VOLTAGE
CC
Notes:
1.
XTAL1 tied to GND for ICC (power down)
2.
Lock bits programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com