Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS53-12PI Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89LS53-12PI
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53-12PI Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89LS53-12PI Datasheet HTML 8Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 9Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 10Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 11Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 12Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 13Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 14Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 15Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
AT89LS53
4-260
Figure 3. Timer 2 Auto Reload Mode (DCEN = 1)
Figure 4. Timer 2 in Baud Rate Generator Mode
OSC
SMOD1
RCLK
TCLK
Rx
CLOCK
Tx
CLOCK
T2EX PIN
T2 PIN
TR2
CONTROL
"1"
"1"
"1"
"0"
"0"
"0"
TIMER 1 OVERFLOW
NOTE: OSC. FREQ. IS DIVIDED BY 2, NOT 12
TIMER 2
INTERRUPT
2
2
16
16
RCAP2L
RCAP2H
TH2
TL2
C/T2 = 0
C/T2 = 1
EXF2
CONTROL
TRANSITION
DETECTOR
EXEN2
÷
÷
÷
÷



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com