Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS53-12PI Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89LS53-12PI
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53-12PI Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89LS53-12PI Datasheet HTML 9Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 10Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 11Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 12Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 13Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 14Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 15Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 16Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AT89LS53
4-261
Baud Rate Generator
Timer 2 is selected as the baud rate generator by setting
TCLK and/or RCLK in T2CON (Table 2). Note that the baud
rates for transmit and receive can be different if Timer 2 is
used for the receiver or transmitter and Timer 1 is used for
the other function. Setting RCLK and/or TCLK puts Timer 2
into its baud rate generator mode, as shown in Figure 4.
The baud rate generator mode is similar to the auto-reload
mode, in that a rollover in TH2 causes the Timer 2 registers
to be reloaded with the 16 bit value in registers RCAP2H
and RCAP2L, which are preset by software.
The baud rates in Modes 1 and 3 are determined by Timer
2’s overflow rate according to the following equation.
The Timer can be configured for either timer or counter
operation. In most applications, it is configured for timer
operation (CP/T2 = 0). The timer operation is different for
Timer 2 when it is used as a baud rate generator. Normally,
as a timer, it increments every machine cycle (at 1/12 the
oscillator frequency). As a baud rate generator, however, it
increments every state time (at 1/2 the oscillator fre-
quency). The baud rate formula is given below.
where (RCAP2H, RCAP2L) is the content of RCAP2H and
RCAP2L taken as a 16 bit unsigned integer.
Timer 2 as a baud rate generator is shown in Figure 4. This
figure is valid only if RCLK or TCLK = 1 in T2CON. Note
that a rollover in TH2 does not set TF2 and will not gener-
ate an interrupt. Note too, that if EXEN2 is set, a 1-to-0
transition in T2EX will set EXF2 but will not cause a reload
from (RCAP2H, RCAP2L) to (TH2, TL2). Thus when Timer
2 is in use as a baud rate generator, T2EX can be used as
an extra external interrupt.
Note that when Timer 2 is running (TR2 = 1) as a timer in
the baud rate generator mode, TH2 or TL2 should not be
read from or written to. Under these conditions, the Timer is
incremented every state time, and the results of a read or
write may not be accurate. The RCAP2 registers may be
read but should not be written to, because a write might
overlap a reload and cause write and/or reload errors. The
timer should be turned off (clear TR2) before accessing the
Timer 2 or RCAP2 registers.
Modes 1 and 3 Baud Rates
Timer 2 Overflow Rate
16
------------------------------------------------------------
=
Modes 1 and 3
Baud Rate
---------------------------------------
Oscillator Frequency
32
65536
RCAP2H,RCAP2L
()
–
[]
×
----------------------------------------------------------------------------------------------
=
Figure 5. Timer 2 in Clock-Out Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com