Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG067 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # VG067
Description  Through-Hole Single-Turn Trimmers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

VG067 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  VG067 Datasheet HTML 1Page - TOCOSAMERICA, INC. VG067 Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Trimmer Selection Guide
TOCOS®
POTENTIOMETERS
Open Frame Models
4
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications for Through-Hole Single-Turn Trimmers
VZ067 Series
VG067 Series
Series
Model Examples
Nominal Size and
Construction
Resistive Element
Adjustment Travel
Adjustment Type
Terminal Style
Resistance Range
Resistance Tolerance
Residual Resistance
Noise (C.R.V.)
Power Rating
6.8mm x 8.4mm
Open Frame, Through-Hole
Cermet
Single-Turn: 240
10
Top Adjust or Side Adjust
Cross-Slot Dust Resistant Cap
Snap-In, Standoff Through-Hole Pins
Triangular Footprint
100
Ω to 1MΩ (1, 2, 3, 5 Sequence)
25%
Within 1% of Total Resistance Value
1k
Ω: 10Ω max.; 100kΩ: < 5% max.
Within 4% of Total Resistance Value
0.2 W at
70 C
0 W at
100 C
6.8mm x 8.4mm
Open Frame, Through-Hole
Carbon
Single-Turn: 240
10
Top Adjust or Side Adjust
Cross-Slot Dust Resistant Cap
Snap-In, Standoff Through-Hole Pins
Triangular Footprint
100
Ω to 1MΩ (1, 2, 3, 5 Sequence)
25%
Within 1% of Total Resistance Value
1k
Ω: 10Ω max.; 100kΩ: < 5% max.
Within 4% of Total Resistance Value
0.1 W at
70 C
0 W at
100 C
Features
Cermet Through-Hole, Single-Turn Trimmers
Horizontal and Vertical Mounting Styles
Cross-Slot Dust Resistant Cap
PC Board Standoff Terminals with Snap-in
Retention Configuration
Stable Performance in Adverse Ambient Conditions
Suitable for Automatic Adjustment Equipment
RoHS Compliant: Pb-Free and Cd-Free
Carbon Through-Hole, Single-Turn Trimmers
Horizontal and Vertical Mounting Styles
Cross-Slot Dust Resistant Cap
PC Board Standoff Terminals with Snap-in
Retention Configuration
Stable Performance in Adverse Ambient Conditions
Suitable for Automatic Adjustment Equipment
RoHS Compliant: Pb-Free and Cd-Free
100V or
√PR = V,
whichever is smaller
25 C to
100 C
250 ppm / C
2.94 – 29.4 mN
•m (30 – 300 gf•cm)
49.0 mN
•m (500 gf•cm)
25 C to
100 C
—
2.94 – 29.4 mN
•m (30 – 300 gf•cm)
49.0 mN
•m (500 gf•cm)
Maximum
Working Voltage
Temperature Range
Temperature Coefficient
Operating Torque
Stop Strength
100V or
√PR = V,
whichever is smaller
Standard Nominal
Resistances and
Ordering Codes
Code
Resistance (
Ω)
Resistance (
Ω)
Resistance (
Ω)
Resistance (
Ω)
Code
Code
Code
100
200
300
500
—
1,000
2,000
3,000
5,000
—
10,000
20,000
30,000
50,000
—
100,000
200,000
300,000
500,000
1,000,000
101
201
301
501
—
102
202
302
502
—
103
203
303
503
—
104
204
304
504
105
Standard Nominal Resistance Values with Ordering Codes


Similar Part No. - VG067

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VG0603S020R014 KEMET-VG0603S020R014 Datasheet
1Mb / 13P
Surface Mount Varistors VG Series ESD Suppression
More results

Similar Description - VG067

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
G12 TOCOS-G12 Datasheet
169Kb / 4P
1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
NVZ6THTB300 TOCOS-NVZ6THTB300 Datasheet
104Kb / 2P
Dimensions for Through-Hole Single-Turn Trimmers
RA12 TOCOS-RA12 Datasheet
163Kb / 3P
12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
Copal Electronics
CT6EP103 COPAL-CT6EP103 Datasheet
180Kb / 9P
SINGLE TURN CERMET TRIMMERS
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com