Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG067 Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # VG067
Description  Through-Hole Single-Turn Trimmers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

VG067 Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  VG067 Datasheet HTML 1Page - TOCOSAMERICA, INC. VG067 Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trimmer Selection Guide
TOCOS®
POTENTIOMETERS
Open Frame Models
5
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Part Numbering System for Through-Hole VG067 and VZ067
VZ
067
T
B
204
H1
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 200 = 20
Ω; 201 = 200Ω; 202 = 2,000Ω; 203 = 20,000Ω).
Resistance Taper: B = Linear.
Mounting Style: L1 = Horizontal ( Top Adjust); H1 = Vertical (Side Adjust)
Design Type: T = Dust Resistant Cap.
Size: 067 = 6mm (See Dimensions).
TOCOS Series: VG = Cermet; VZ = Carbon.
Dimensions for Through-Hole Single-Turn Trimmers
VG067TL1 and VZ067TL1
Through-Hole, Horizontal Mount, Cross-Slot, Top Adjust
VG067TH1 and VZ067TH1
Through-Hole, Vertical Mount, Cross-Slot, Side Adjust
Recommended
PCB Layout
L1 Top Adjust Pin-Out
Top View
Recommended
PCB Layout
H1 Side Adjust Pin-Out
Unit: mm
0.8
2
5
Ø3.7
Ø6.7
Mounting
Surface
2.5
2.5
0.8
0.3
0.9
ADJ. SLOT 0.8
3.4
6.8
Ø1.2 (3x)
5
ADJ. SLOT 0.8
3.4
Mounting
Surface
2
4.5
3.5
2.5
0.7
0.3
0.8
6.8
0.8
5
1.4
0.8
2.5
Ø1.2 (3x)
5
Standard Packaging
Bulk, 500 Pieces Per Bag
Contact Tocos for Optional Tape and Reel or Ammo Box Packaging.
Standard Packaging
Bulk, 500 Pieces Per Bag
Contact Tocos for Optional Tape and Reel or Ammo Box Packaging.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com