Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1502AS Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATF1502AS
Description  High Performance E2PROM CPLD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502AS Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATF1502AS Datasheet HTML 10Page - ATMEL Corporation ATF1502AS Datasheet HTML 11Page - ATMEL Corporation ATF1502AS Datasheet HTML 12Page - ATMEL Corporation ATF1502AS Datasheet HTML 13Page - ATMEL Corporation ATF1502AS Datasheet HTML 14Page - ATMEL Corporation ATF1502AS Datasheet HTML 15Page - ATMEL Corporation ATF1502AS Datasheet HTML 16Page - ATMEL Corporation ATF1502AS Datasheet HTML 17Page - ATMEL Corporation ATF1502AS Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ATF1502AS
15
OE (1, 2)
Global OE Pins
GCLR
Global Clear Pin
GCLK (1, 2, 3)
Global Clock Pins
PD (1, 2)
Power down pins
TDI, TMS, TCK, TDO
JTAG pins used for Boundary Scan Testing or In-System Programming
GND
Ground Pins
VCCINT
VCC pins for the device (+5V - Internal)
V
CCIO
V
CC pins for output drivers (for I/O pins) (+5V or 3.3V - I/Os)
ATF1502AS Dedicated Pinouts
Dedicated Pin
44-Pin
TQFP
44-Pin
J-Lead
44-Pin
PQFP
INPUT/OE2/GCLK2
40
2
40
INPUT/GCLR
39
1
39
INPUT/OE1
38
44
38
INPUT/GCLK1
37
43
37
I/O /GCLK3
35
41
35
I/O / PD (1,2)
5, 19
11, 25
5, 19
I/O / TDI (JTAG)
1
7
1
I/O / TMS (JTAG)
7
13
7
I/O / TCK (JTAG)
26
32
26
I/O / TDO (JTAG)
32
38
32
GND
4, 16, 24, 36
10, 22, 30, 42
4, 16, 24, 36
V
CCINT
9, 17, 29, 41
3, 15, 23, 35
9, 17, 29, 41
V
CCIO
---
N/C
---
# of Signal Pins
36
36
36
# User I/O Pins
32
32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com