Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1502AS Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATF1502AS
Description  High Performance E2PROM CPLD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502AS Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATF1502AS Datasheet HTML 10Page - ATMEL Corporation ATF1502AS Datasheet HTML 11Page - ATMEL Corporation ATF1502AS Datasheet HTML 12Page - ATMEL Corporation ATF1502AS Datasheet HTML 13Page - ATMEL Corporation ATF1502AS Datasheet HTML 14Page - ATMEL Corporation ATF1502AS Datasheet HTML 15Page - ATMEL Corporation ATF1502AS Datasheet HTML 16Page - ATMEL Corporation ATF1502AS Datasheet HTML 17Page - ATMEL Corporation ATF1502AS Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ATF1502AS
17
Ordering Information
t
PD
(ns)
t
CO1
(ns)
f
MAX
(MHz)
Ordering Code
Package
Operation Range
7.5
4.5
166.7
ATF1502AS-7 AC44
ATF1502AS-7 JC44
ATF1502AS-7 QC44
44A
44J
44Q
Commercial
(0
°C to 70°C)
10
5
125
ATF1502AS-10 AC44
ATF1502AS-10 JC44
ATF1502AS-10 QC44
44A
44J
44Q
Commercial
(0
°C to 70°C)
10
5
125
ATF1502AS-10 AI44
ATF1502AS-10 JI44
ATF1502AS-10 QI44
44A
44J
44Q
Industrial
(-40
°C to +85°C)
15
8
100
ATF1502AS-15 AC44
ATF1502AS-15 JC44
ATF1502AS-15 QC44
44A
44J
44Q
Commercial
(0
°C to 70°C)
15
8
100
ATF1502AS-15 AI44
ATF1502AS-15 JI44
ATF1502AS-15 QI44
44A
44J
44Q
Industrial
(-40
°C to +85°C)
20
12
83.3
ATF1502ASL-20 AC44
ATF1502ASL-20 JC44
ATF1502ASL-20 QC44
44A
44J
44Q
Commercial
(0
°C to 70°C)
20
12
83.3
ATF1502ASL-20 AI44
ATF1502ASL-20 JI44
ATF1502ASL-20 QI44
44A
44J
44Q
Industrial
(-40
°C to +85°C)
25
15
70
ATF1502ASL-25 AC44
ATF1502ASL-25 JC84
ATF1502ASL-25 QC44
44A
44J
44Q
Commercial
(0
°C to 70°C)
25
15
70
ATF1502ASL-25 AI44
ATF1502ASL-25 JI84
ATF1502ASL-25 QI44
44A
44J
44Q
Industrial
(-40
°C to +85°C)
Package Type
44A
44-Lead, Thin Plastic Gull Wing Quad Flatpack (TQFP)
44J
44-Lead, Plastic J-Leaded Chip Carrier OTP (PLCC)
44Q
44-Lead, Plastic Gull Wing Quad Flatpack (PQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com