Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC03RSM03 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # VC03RSM03
Description  Chip Ceramic Trimmer Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

VC03RSM03 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  VC03RSM03 Datasheet HTML 1Page - UNIOHM CORPORATION VC03RSM03 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The capacity drift after adjustment is very low and having a very thin dustproof structure,
these capacitors are most suited to the fine adjustment of items.
The plastic is a high temperature liquid-crystal polymer with low dielectric loss and good mechanical strength.
Dimensions and Standard Land Patterns
Tape and Reel Specifications
Chip Ceramic Trimmer Capacitor
C
Chhiipp C
Ceerraam
miicc T
Trriim
mm
meerr C
Caappaacciittoorr
V
VC
C0033R
R SSeerriieess
are miniature and ultra-thin type surface mounting devices, and are recommended for iniaturization
of electronic equipment.
1
Uniohm Corporation


Similar Part No. - VC03RSM03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
Automotive Varistor for Automotive Applications
VC0201 AVX-VC0201 Datasheet
161Kb / 2P
Miniature 0201 MLV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC020103V101WP AVX-VC020103V101WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC020103V121WP AVX-VC020103V121WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC020103V151WP AVX-VC020103V151WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
More results

Similar Description - VC03RSM03

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSC3 SUNTAN-TSC3 Datasheet
551Kb / 1P
CERAMIC TRIMMER CAPACITOR - 3MM - SMD
TSC3S SUNTAN-TSC3S Datasheet
300Kb / 1P
CERAMIC TRIMMER CAPACITOR - 3MM - SMD - SPECIAL
TSC5 SUNTAN-TSC5 Datasheet
109Kb / 1P
CERAMIC TRIMMER CAPACITOR - 5MM
TSC6 SUNTAN-TSC6 Datasheet
349Kb / 1P
CERAMIC TRIMMER CAPACITOR - 6MM
TSC7 SUNTAN-TSC7 Datasheet
116Kb / 1P
CERAMIC TRIMMER CAPACITOR - 7MM
TSC3 SUNTAN-TSC3_17 Datasheet
241Kb / 1P
CERAMIC TRIMMER CAPACITOR ??3MM ??SMD
TSC3S SUNTAN-TSC3S_17 Datasheet
203Kb / 1P
CERAMIC TRIMMER CAPACITOR ??3MM ??SMD - SPECIAL
TSC5 SUNTAN-TSC5_17 Datasheet
128Kb / 1P
CERAMIC TRIMMER CAPACITOR ??5MM
TSC6 SUNTAN-TSC6_17 Datasheet
193Kb / 1P
CERAMIC TRIMMER CAPACITOR ??6MM
TSC7 SUNTAN-TSC7_17 Datasheet
188Kb / 1P
CERAMIC TRIMMER CAPACITOR ??7MM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com