Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC03RSM03 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # VC03RSM03
Description  Chip Ceramic Trimmer Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

VC03RSM03 Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  VC03RSM03 Datasheet HTML 1Page - UNIOHM CORPORATION VC03RSM03 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
1. Small size: 3.2(W)×4.5(L)×1.5(H) mm.
2. Designed for reflow soldering.
3. Lowest capacitance drift.
4. Very good Q and high resonant frequency
5. Color coded case permits easy identification
6. Sealed construction prevents the penetration of Flux and Dust.
Applications
●
Hybrid ICs and micro module
●
Portable radio equipment and portable cassette tape player
●
VTR camera and Camcorders
●
Pagers
●
Cordless telephones and Mobile telephones
Ratings and Characteristics
Parts Numbering
Packing
1000pcs/reel;3000pcs/reel
1. Ceramic trimmer capacitor VC03 Series
2. R: Plastic Case
3. Terminal type (Surface mounting)
4. Capacitance Value
Operating Temperature
Temperature Coefficient
( ppm / ? )
100 VDC
220 VDC
-25℃ to 85℃
500
104MO Min.
10~72 gf-cm
Torque
Capacitance(pF Min)
Case Color
Q Value (at 1 MHz, C max )
Insulation Resistance
VC03RSM03
N1500±250
300
500
500
500
%
- 0
20.0 +50
%
Pink
Green
+50
- 0 %
6.0 +50
%
- 0
N470±60
DC Withstanding Voltage
Capacitance(pF Max)
3.0
+50
- 0
2.0 max.
110 VDC
N470±60
N1000±250
N1500±250
VC03
R
SM
03
1
2
3
4
DC Working Voltage
%
50 VDC
Black
Blue
White
8.0 max.
10.0
3.0 max.
5.0 max.
VC03RSM06
1.5 max.
VC03RSM10
VC03RSM20
VC03RSM30
- 0
30.0 +50
Chip Ceramic Trimmer Capacitor
2
Uniohm Corporation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com