Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA161 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATMEGA161
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATMEGA161 Datasheet HTML 18Page - ATMEL Corporation ATMEGA161 Datasheet HTML 19Page - ATMEL Corporation ATMEGA161 Datasheet HTML 20Page - ATMEL Corporation ATMEGA161 Datasheet HTML 21Page - ATMEL Corporation ATMEGA161 Datasheet HTML 22Page - ATMEL Corporation ATMEGA161 Datasheet HTML 23Page - ATMEL Corporation ATMEGA161 Datasheet HTML 24Page - ATMEL Corporation ATMEGA161 Datasheet HTML 25Page - ATMEL Corporation ATMEGA161 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 134 page
background image
ATmega161(L)
22
Stack Pointer – SP
The ATmega161 Stack Pointer is implemented as two 8-bit registers in the I/O space locations $3E ($5E) and $3D ($5D).
As the ATmega161 supports up to 64KB memory, all 16 bits are used.
The Stack Pointer points to the data SRAM stack area where the Subroutine and Interrupt Stacks are located. This Stack
space in the data SRAM must be defined by the program before any subroutine calls are executed or interrupts are
enabled. The stack pointer must be set to point above $60. The Stack Pointer is decremented by one when data is pushed
onto the Stack with the PUSH instruction, and it is decremented by two when an address is pushed onto the Stack with
subroutine calls and interrupts. The Stack Pointer is incremented by one when data is popped from the Stack with the POP
instruction, and it is incremented by two when an address is popped from the Stack with return from subroutine RET or
return from interrupt RETI.
Reset and Interrupt Handling
The ATmega161 provides 20 different interrupt sources. These interrupts and the separate reset vector, each have a sep-
arate program vector in the program memory space. All interrupts are assigned individual enable bits which must be set
(one) together with the I-bit in the status register in order to enable the interrupt.
The lowest addresses in the program memory space are automatically defined as the Reset and Interrupt vectors. The
complete list of vectors is shown in Table 2. The list also determines the priority levels of the different interrupts. The lower
the address the higher is the priority level. RESET has the highest priority, and next is INT0 – the External Interrupt
Request 0 etc.
Bit
15
14131211
10
9
8
$3E ($5E)
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
SPH
$3D ($5D)
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
SPL
76
543
210
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
00
000
000
Table 2. Reset and Interrupt Vectors
Vector No.
Program Address
Source
Interrupt Definition
1
$000
RESET
External Pin, Power-on Reset,
Brown-out Reset and Watchdog Reset
2
$002
INT0
External Interrupt Request 0
3
$004
INT1
External Interrupt Request 1
4
$006
INT2
External Interrupt Request 2
5
$008
TIMER2 COMP
Timer/Counter2 Compare Match
6
$00a
TIMER2 OVF
Timer/Counter2 Overflow
7
$00c
TIMER1 CAPT
Timer/Counter1 Capture Event
8
$00e
TIMER1 COMPA
Timer/Counter1 Compare Match A
9
$010
TIMER1 COMPB
Timer/Counter1 Compare Match B
10
$012
TIMER1 OVF
Timer/Counter1 Overflow
11
$014
TIMER0 COMP
Timer/Counter0 Compare Match
12
$016
TIMER0 OVF
Timer/Counter0 Overflow
13
$018
SPI, STC
Serial Transfer Complete
14
$01a
UART0, RX
UART0, Rx Complete
15
$01c
UART1, RX
UART1, Rx Complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com