Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D98 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D98
Description  8 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D98 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D98 Datasheet HTML 1Page - Frequency Devices, Inc. D98 Datasheet HTML 2Page - Frequency Devices, Inc. D98 Datasheet HTML 3Page - Frequency Devices, Inc. D98 Datasheet HTML 4Page - Frequency Devices, Inc. D98 Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D98 Series
1 Hz to 400 kHz*
Low Noise Fixed Frequency
8- Pole Single Power Supply
Anti-Aliasing Low-Pass Filters
2
1784 Chessie Lane, Ottawa, Illinois 61350
• Tel:800/252-7074, 815/434-7800 • FAX:815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
D98L8B
D98L8L
Transfer Function
8-Pole Butterworth
8-Pole Bessel
Size
1.5” x 2.0” x 0.4”
1.5” x 2.0” x 0.4”
Range fc
1.0 Hz to 400 kHz
1.0 Hz to 200 kHz
Theoretical Transfer
Characteristics
Appendix A
Page 9
Appendix A
Page 4
Passband Ripple
(theoretical)
0.0 dB
0.0 dB
DC Voltage Gain
(non-inverting)
0
± 0.1 dB max.
0
± 0.05 dB typ.
0
± 0.1 dB max.
0
± 0.05 dB typ.
Stopband
Attenuation Rate
48 dB/octave
36 dB/octave
Cutoff Frequency
fc
± 1% max.
fc
± 1% max.
Stability
± 0.01%/°C
± 0.01%/°C
Amplitude
-3 dB
-3 dB
Phase
-360
°
-182
°
Filter Attenuation
(theoretical)
0.12 dB
0.80 fc
1.91 dB
0.80 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
60.0 dB
2.37 fc
60.0 dB
4.52 fc
80.0 dB
3.16 fc
80.0 dB
6.07 fc
Amplitude Accuracy
(theoretical)
0 – 0.8 fc
±0.2 dB max.
0 – 0.8 fc
±0.2 dB max.
±0.1 dB typ.
±0.1 dB typ.
0.8 fc – 1.0 fc
±0.3 dB max.
0.8 fc – 1.0 fc
±0.3 dB max.
±0.15 dB typ.
±0.15 dB typ.
(THD) Total Harmonic
Distortion @ 1 kHz
<-100 dB
<-100 dB
Wide Band Noise
(5 Hz – 2 MHz)
< 200 µVrms
< 200 µVrms
SINAD
<-100 dB
<-100 dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com