Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D98 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # D98
Description  8 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D98 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  D98 Datasheet HTML 1Page - Frequency Devices, Inc. D98 Datasheet HTML 2Page - Frequency Devices, Inc. D98 Datasheet HTML 3Page - Frequency Devices, Inc. D98 Datasheet HTML 4Page - Frequency Devices, Inc. D98 Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D98 Series
Specifications
(25ºC and Vs + 5 VDC to + 18 VDC)
Pin-Out and Package Data
Ordering Information
3
1784 Chessie Lane, Ottawa, Illinois 61350
• Tel:800/252-7074, 815/434-7800 • FAX:815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Analog Input Characteristics
1
Impedance
1 M
Voltage Range
±6 V peak
Max. Safe Voltage
± 6V
Analog Output Characteristics
Impedance
1
Ω typ., 10 Ω max.
(Closed Loop)
Linear Operating Range
3
± 5V
Maximum Current
2
± 5 mA
Offset Voltage
3
± 5 VDC
Power Supply (±V)
Rated Voltage
+ 5 VDC to + 18 VDC
Quiescent Current
~110 mA
Temperature Range
Operating
0ºC to +70ºC
Storage
-25ºC to +85ºC
Notes:
1. Input and output signal voltage referenced to supply common.
2. Output is short circuit protected to common. DO NOT CONNECT
TO ±Vs.
3. Any voltage applied to the offset pin appears at the output and an
output offset. Note that if, for instance, the offset pin is at 2 VDC the
maximum linear operating range will be ± 3V not ± 5 V. This is
because you cannot exceed +5V or -5V linear operating range. Any
voltage applied to the Offset Pin is low pass filtered to remove noise.
4. Units operate with or without offset pin connected.
5. How to specify Corner Frequency. Corner frequency is specified
by attaching a three-digit frequency designator to the basic model
number. Corner frequencies can range from 1.00 Hz to 400 kHz.
Pin-Out and Package Data
2.00”
1.50”
0.40”
OUT+
IN-
GND
+V
OS
0.1" GRID
FRONT VIEW
PINS 0.025" DIAMETER
Bottom View
GND
IN+
GND
OUT-
ORDERING INFORMATION
Transfer Function
Input Type
Output Type
B = Butterworth
D = Differential
D = Differential
L = Bessel
S = Single
S = Single
D98L8BDAS-100 Hz-10dB
Gain
0 to 60dB
Input Coupling
- 3 dB Corner Frequency
A = AC Coupled Input
e.g., 100 Hz
D = DC Coupled Input
10.0 kHz
75.2 kHz
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale, which apply, to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use, which would infringe any patent or copyright.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com