Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC Datasheet(PDF) 2 Page - MMD Components

Part # MAC
Description  MAC Series 14 Pin DIP Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MAC Datasheet(HTML) 2 Page - MMD Components

  MAC Datasheet HTML 1Page - MMD Components MAC Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
In the event of conflict, the requirements of this specification shall govern.
Revision:
11/18/10 E
Revisions only with customer approval
Pg 2 of 2
050 = ±50 ppm
100 = ±100 ppm
Frequency
Stability
Supply Voltage
5 = +5.0 VDC
RoHS Compliant
Blank = Not Compliant
F = Is RoHS Compliant
Blank = No Added Options
G1 = Gull-Wing (option 1)
G = Gull-Wing (option 2)
CLXXX = Cut Leads
XXX = Lead Length Code
Value Added Options
Pin 1 Connection
Blank = No Connect
H = Tri-state
Blank = 40/60%
A = 45/55%
Symmetry
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Operating Temperature
MAC
32.768KHZ
PLEASE CONSULT WITH MMD SALES DEPARTMENT FOR ANY OTHER PARAMETERS OR OPTIONS
14 pin DIP
5
Part Number Guide
Mechanical Details
1
14
8
7
5.08 [.200]
15.24 [.600]
7.62 [.300]
PIN 1
PIN 7
PIN 8
PIN 14
N/C OR TRI-STATE
CASE GROUND
OUTPUT
SUPPLY VOLTAGE
PIN CONNECTIONS
DIMENSIONS IN BRACKET ARE IN INCHES
EXTERNAL BYPASS CAPACITOR RECOMMENDED
20.70 [.815]
MAX
5.08 [.200]
MIN
.50 [.020]
13.10 [.516]
MAX
MXXXXX
SYYWWL
XXXXX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com