Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC Datasheet(PDF) 1 Page - MMD Components

Part # MAC
Description  MAC Series 14 Pin DIP Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MAC Datasheet(HTML) 1 Page - MMD Components

  MAC Datasheet HTML 1Page - MMD Components MAC Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
In the event of conflict, the requirements of this specification shall govern.
Revision:
11/18/10 E
Revisions only with customer approval
Pg 1 of 2
M
MA
AC
C S
Se
erriie
ess 1
14
4 P
Piin
n D
DIIP
P O
Osscciilllla
atto
orr
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Environmental & Mechanical Detail
Marking Detail
 Industry Standard Package
 RoHS Compliant Available
 32.768KHz
 CMOS Output
Frequency Range
32.768KHZ
Frequency Stability (Inclusive of Temperature, Load, Voltage
and Aging)
See Part Number Guide
Operating Temperature
See Part Number Guide
Storage Temperature
-55°C to +125°C
Supply Voltage
5.0VDC ±10%
Supply Current
10mA max
Waveform
CMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Duty Cycle
See Part Number Guide
Load
10K Ohms // 15pF
Rise / Fall Time
10% to 90% of waveform
10nSec max
Tri-State Operation
Voh = 70% of Vdd min or No Connection to Enable Output
Vol = 30% of Vdd max or grounded to Disable Output (High Imped-
ance)
Line 1 = MXXXXX
M
= MMD
XXXXX
= Frequency in MHZ
Line 2 = SYYWWL
S
= Internal Code
YYWW
= 4 Numerical Digit Date
Code (Year / Week)
L
= Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Pin 1 Designator


Similar Part No. - MAC

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAC MMD-MAC Datasheet
81Kb / 1P
Industry Standard Package
logo
Mini-Circuits
MAC-113H MINI-MAC-113H Datasheet
1Mb / 4P
Frequency Mixers
MAC-113H+ MINI-MAC-113H+ Datasheet
1Mb / 4P
Frequency Mixers
MAC-12G MINI-MAC-12G Datasheet
1Mb / 4P
Frequency Mixers
MAC-12G+ MINI-MAC-12G+ Datasheet
1Mb / 4P
Frequency Mixers
More results

Similar Description - MAC

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1100BA MTRONPTI-K1100BA_07 Datasheet
353Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
K3100G MTRONPTI-K3100G_07 Datasheet
311Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
logo
Fox Electronics
F5L-4G FOX-F5L-4G Datasheet
89Kb / 1P
14-PIN DIP PECL OSCILLATOR
logo
Connor-Winfield Corpora...
AC73 CONNOR-WINFIELD-AC73 Datasheet
190Kb / 1P
14 PIN DIP ACMOS CLOCK OSCILLATOR
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
5.0V 14 Pin DIP HCMOS Clock Oscillator
HC54R8RG CONNOR-WINFIELD-HC54R8RG Datasheet
168Kb / 2P
5.0V 14 Pin DIP HCMOS Clock Oscillator
VX64-200 CONNOR-WINFIELD-VX64-200 Datasheet
65Kb / 1P
14 PIN DIP VCXO OSCILLATOR
logo
MMD Components
MAH MMD-MAH_12 Datasheet
83Kb / 2P
MAH Series 14 Pin DIP Oscillator
MAC5 MMD-MAC5 Datasheet
79Kb / 2P
14 Pin DIP Oscillator
MAH1 MMD-MAH1 Datasheet
588Kb / 2P
14 Pin DIP Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com