Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP550 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IP550
Description  Cutting-edge SIP feature set meets Polycom HD Voice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP550 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IP550 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP550 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP550 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DATA SHEET Polycom® SoundPoint® IP 550 Specifications
Product Specifications
Lines (direct numbers)
• Up to 4 lines with up to 24 concurrent
calls per line
Display
• 320 x 160 backlit grayscale graphical LCD
• White LED backlight with custom
intensity control
• Message Waiting Indicator (MWI) LED
Feature keys
• 4 context-sensitive “soft” keys
• 26 dedicated “hard” keys
• 6 line keys with bi-color (red/green) LED
• 8 feature keys
• 6 display/menu navigation keys
• 2 volume control keys
• Illuminated mute key
• Illuminated headset key
• Illuminated hands-free speakerphone key
• Dedicated hold key
Headset and hearing aid compatibility
• Compliant with ADA Section 508
Recommendations: Subpart B 1194.23 (all)
• Hearing Aid Compatible (HAC) handset
for magnetic coupling to approved HAC
hearing aids
• Compatibility with commercially-available
TTY adapter equipment
Audio features
• Polycom HD Voice technology
delivers life-like voice quality for
each audio path—the handset, the
hands-free speakerphone, and the
optional headset1,5
• Full-duplex hands-free speakerphone
• Type 1 compliant with IEEE 1329 full
duplex standards
• Frequency response—150Hz - 7kHz
for handset1 and hands-free
speakerphone modes
• Codecs: G.722 (wideband), G.711 μ/A,
G.729A (Annex B) and iLBC
• Individual volume settings with visual
feedback for each audio path
• Voice activity detection
• Comfort noise fill
• DTMF tone generation/DTMF event
RTP payload
• Low-delay audio packet transmission
• Adaptive jitter buffers
• Packet loss concealment
• Acoustic echo cancellation
• Background noise suppression
Call handling features1
• Shared call/bridged line appearance
• Flexible line appearance (one or more
line keys can be assigned for each
line extension)
• Busy Lamp Field (BLF)
• Distinctive incoming call treatment/
call waiting
• Call timer
• Call transfer, hold, divert (forward), pickup
• Called, calling, connected party information
• Local three-way conferencing
• One-touch speed dial, redial
• Call waiting
• Remote missed call notification
• Intercom
• Automatic off-hook call placement
• Do not disturb function
Other features
• Integration with Microsoft LCS 2005 for
telephone and presence
• Local feature-rich GUI
• Time and date display
• User-configurable contact directory and
call history (missed, placed, and received)
• Customizable call progress tones
• Wave file support for call progress tones
• Unicode UTF-8 character support.
Multilingual user interface encompassing
Chinese, Danish, Dutch, English
(Canada/US/UK), French, German,
Italian, Japanese, Korean, Norwegian,
Polish, Portuguese, Russian, Slovenian,
Spanish, Swedish
Protocol support
• IETF SIP (RFC 3261 and companion RFCs)
Network and provisioning
• Two-port 10/100 Mbps Ethernet switch
• Manual or dynamic host configuration
protocol (DHCP) network setup
• Time and date synchronization
using SNTP
• FTP/TFTP/HTTP/HTTPS3 server-based
central provisioning for mass deployments
• Provisioning4 server redundancy supported
• Web portal for individual unit configuration
• QoS Support – IEEE 802.1p/Q tagging
(VLAN), Layer 3 TOS, and DSCP
• Network Address Translation (NAT)
support – static
• RTCP support (RFC 1889)
• Event logging
• Syslog
• Local digit map
• Hardware diagnostics
• Status and statistics
Security1
• Transport Layer Security (TLS)3
• Secure Real-time Transport Protocol (SRTP)
• Shipped with X.509 certificate installed
• Encrypted configuration files3
• Digest authentication
• Password login
• Support for URL syntax with password for
boot server
• HTTPS secure provisioning3
• Support for signed software executables3
Power
• Built-in, auto-sensing IEEE 802.3af Power
over Ethernet
• External Universal AC adapter (included
48V DC)
Approvals
• FCC Part 15 (CFR 47) Class B
• ICES-003 Class B
• EN55022 Class B
• CISPR22 Class B
• AS/NZS CISPR 22 Class B
• VCCI Class B
• EN55024
• EN61000-3-2; EN61000-3-3
• Anatel
• GOST
• C-tick
• CCC
Safety
• UL/C-UL
• CE Mark
• EN 60950-1
• IEC 60950-1
• AS/NZS 60950
Operating conditions
• Temperature: 0 to 40°C (+32 to 104°F)
• Relative Humidity: 5% to 95%,
noncondensing
Storage temperature
• -40 to +70°C (-40 to +160°F)
SoundPoint IP 550 comes with:
• SoundPoint IP 550 console
• Handset with handset cord
• Base stand
• Network (LAN) cable
• Universal power adapter (including
country-specific cord kit)5
• Quick Start Guide
• Product registration card



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com