Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP550 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IP550
Description  Cutting-edge SIP feature set meets Polycom HD Voice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP550 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IP550 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP550 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP550 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Polycom, Inc.
1.800.POLYCOM
www.polycom.com
2026_0812
© 2012 Polycom, Inc. All rights reserved. Polycom®, the names and marks associated with Polycom’s products are trademarks and/or service marks of Polycom, Inc. And are registered and/or
common law marks in the United States and various other countries. All other trademarks are property of their respective owners. No portion hereof may be reproduced or transmitted in any form
or by any means, for any purpose other than the recipient’s personal use, without the express written permission of Polycom.
DATA SHEET Polycom® SoundPoint® IP 550 Specifications
About Polycom
Polycom is the global leader in standards-based unified communications (UC) solutions for telepresence, video, and voice
powered by the Polycom® RealPresence® Platform. The RealPresence Platform interoperates with the broadest range of business,
mobile, and social applications and devices. More than 400,000 organizations trust Polycom solutions to collaborate and meet
face-to-face from any location for more productive and effective engagement with colleagues, partners, customers, specialists,
and prospects. Polycom, together with its broad partner ecosystem, provides customers with the best TCO, scalability, and
security for video collaboration, whether on-premises, hosted, or cloud-delivered. Visit www.polycom.com or connect with
Polycom on Twitter, Facebook, and LinkedIn.
Size
• 10.5 in x 6 in x 7.5 in x 2.5 in
(26.5 cm x 15 cm x 19 cm x 6.5 cm)
(W x H x D x T)
Part numbers/UPC codes
• 2200-12550-001 / 610807526773 for NA,
CALA, Taiwan
• 2200-12550-002 / 610807526766
for Japan
• 2200-12550-012 / 610807526759 for
Australia, New Zealand
• 2200-12550-015 / 610807526742 for UK,
Ireland, HK, Singapore, Malaysia
• 2200-12550-016 / 610807526902
for Korea
• 2200-12550-022 / 610807526919
for China
• 2200-12550-122 / 610807526735 for
Europe, India, Rest of the World
Box dimensions/weight
• 12.5 x 13.25 x 3.5 in
• 2045 g
Master carton quantity
• Five
Country of Origin
• Thailand
Warranty
• One year
1. Some of these features need to be supported by
an appropriate call / applications server.
2. Please visit http://www.polycom.com/
techpartners.htm
for a list of supported platforms.
3. Requires BootROM version 3.2.x or higher.
4. Requires SIP version 2.0.x or higher.
5. In some calling scenarios, such as IP to PSTN,
Polycom HD Voice will not be available and the
call will progress in narrowband instead.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com