Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2220PZ Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2220PZ
Description  Audio Dual Matched PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2220PZ Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2220PZ Datasheet HTML 2Page - Analog Devices SSM2220PZ Datasheet HTML 3Page - Analog Devices SSM2220PZ Datasheet HTML 4Page - Analog Devices SSM2220PZ Datasheet HTML 5Page - Analog Devices SSM2220PZ Datasheet HTML 6Page - Analog Devices SSM2220PZ Datasheet HTML 7Page - Analog Devices SSM2220PZ Datasheet HTML 8Page - Analog Devices SSM2220PZ Datasheet HTML 9Page - Analog Devices SSM2220PZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SSM2220
Data Sheet
Rev. C | Page 6 of 12
300
250
200
150
100
50
0
10
1000
100
COLLECTOR CURRENT (µA)
VCB = 0V
+125°C
+25°C
–55°C
Figure 8. Current Gain (hFE) vs. Collector Current
700
600
500
400
300
200
100
0
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
IC = 1mA
VCB = –36V
VCB = 0V
Figure 9. Current Gain (hFE) vs. Temperature
1k
0.1
1
10
100
0.001
100
10
1
0.1
0.01
COLLECTOR CURRENT (mA)
TA = 25°C
VCB = 0V
Figure 10. Gain Bandwidth vs. Collector Current
10
0.01
0.1
1
0.01
10
1
0.1
COLLECTOR CURRENT (mA)
+125°C
+25°C
–55°C
Figure 11. Saturation Voltage vs. Collector Current
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
1
10000
1000
100
10
COLLECTOR CURRENT (µA)
TA = 25°C
Figure 12. Base to Emitter Voltage (VBE) vs. Collector Current
50
40
30
20
10
0
0
–35
–30
–25
–20
–15
–10
–5
COLLECTOR-BASE VOLTAGE (V)
TA = 25°C
Figure 13. Collector to Base Capacitance vs. VCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com