Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2220PZ Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2220PZ
Description  Audio Dual Matched PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2220PZ Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2220PZ Datasheet HTML 4Page - Analog Devices SSM2220PZ Datasheet HTML 5Page - Analog Devices SSM2220PZ Datasheet HTML 6Page - Analog Devices SSM2220PZ Datasheet HTML 7Page - Analog Devices SSM2220PZ Datasheet HTML 8Page - Analog Devices SSM2220PZ Datasheet HTML 9Page - Analog Devices SSM2220PZ Datasheet HTML 10Page - Analog Devices SSM2220PZ Datasheet HTML 11Page - Analog Devices SSM2220PZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
SSM2220
Rev. C | Page 11 of 12
by consulting Figure 15. Typical output impedance levels approach
the performance of a perfect current source.
(ro)Q3 =
MΩ
1
μMho
0
.
1
1
=
Q2 and Q3 are in series and operate at the same current level;
therefore, the total output impedance is as follows:
RO = hFE × (ro)Q3 ≈ (160)(1 MΩ) = 160 MΩ
Current Matching
The objective of current source or mirror design is generation
of currents that either are matched or must maintain a constant
ratio. However, mismatch of base emitter voltages causes output
current errors. Consider the example of Figure 21.
R1
R2
R1 = R2 = R
A CLOSELY MATCHED
TRANSISTOR PAIR
VB
–
+
IC +
ΔIC
2
IC –
ΔIC
2
Figure 21. Current Matching Circuit
If the resistors and transistors are equal and the collector
voltages are the same, then the collector currents match precisely.
Investigating the current matching errors resulting from a nonzero
VOS, ΔIC is defined as the current error between the two transistors.
Figure 22 describes the relationship of current matching errors
vs. offset voltage for a specified average current, IC. Note that
because the relative error between the currents is exponentially
proportional to the offset voltage, tight matching is required to
design high accuracy current sources. For example, if the offset
voltage were 5 mV at 100 μA collector current, the current match-
ing error would be 20%. Additionally, temperature effects, such
as offset drift (3 μV/°C per mV of VOS), degrade performance if
Q1 and Q2 are not well matched.
1.2
1.0
0.8
0.6
0.4
0.2
0
0.001
10
IC = 10µA
IC = 100µA
IC = 1mA
1
0.1
0.01
VOS (mV)
SSM2220 VOS
PERFORMANCE
R = 3kΩ
hFE = 200
ΔI = IC1 – IC2
IC =
IC1 + IC2
2
Figure 22. Current Matching Accuracy vs. Offset Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com