Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USCLSESYR2AVHTX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USCLSESYR2AVHTX
Description  Digital Panel Meters Modular signal conditioner Type USC-DIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USCLSESYR2AVHTX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USCLSESYR2AVHTX Datasheet HTML 1Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 2Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 3Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 4Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 5Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 6Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 7Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 8Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Specifications are subject to change without notice
USCDS040706
1
• Multi-input modular signal’s conditioner
• 0.1% RDG basic accuracy
• TRMS AC current and voltage measurements
• AC/DC current measurements; selectable full scales
(200µA to 5A)
• AC/DC voltage measurements; selectable full scales
(200mV to 500V)
• °C or °F temperature measurements
(Pt100-250-500-1000, Ni100, TC J-K-S-T-E)
• Resistance measurements; selectable full scales
(20
Ω to 20kΩ)
• Up to 4 independent alarm set-points (optional)
• 20mA/10VDC analog output (optional)
• Serial port RS485 or RS232 (optional)
• MODBUS, JBUS communication protocol
• Front protection degree: IP 20
Product Description
µp-based signal’s condition-
er, for current, voltage, tem-
perature
and
resistance
measurements.
Measuring
ranges and functions easily
programmable from the PC
by means of optional Usc-
Soft software available on
request.
UscSoft
includes
programming, display and
min-max functions. Condi-
tioner’s
housing
for
DIN-
RAIL mounting with front
protection degree: IP 20. All
displaying and programming
data are referred to UscSoft.
Digital Panel Meters
Modular signal conditioner
Type USC-DIN
Type Selection
Slot A (measuring inputs)
LSX:
single channel input:
0.2-2-20mA DC/AC,
0.2-2-20V DC/AC
LSE/
LSF:
single + AUX input :
0.2-2-20mA DC/AC;
0.2-2-20V DC/AC
HSX:
single channel input:
0.2-2-5A DC/AC;
20-200-500V DC/AC
TRX:
signal input: TC tem-
perature probes: J-K-S-
T-E, Pt100-250-500-
1000 and resistance
0.02-0.2-2-20k
Ω
Slot B (communication)
XX:
None
SX:
Serial port RS485
SY:
Serial port RS232
Slot C (communication and alarm)
XX:
None
R1:
Single relay output,
(AC1-8AAC, 250VAC)
R2:
Dual relay output,
(AC1-8AAC, 250VAC)
R4:
Dual relay output,
(AC1-8AAC, 250VAC) +
dual open collector out-
put (NPN, 100mA)
R5:
4 Relay outputs (AC1-
5AAC, 250VAC)
AV(*): Single analogue out-
put:
0 to 20mA DC and
0 to 10V DC
Slot E (power supply)
H:
90 to 260V AC/DC
L:
18 to 60V AC/DC
Options
XX:
None
TX:
Tropicalization
Model
Slot A
Slot B
Slot C
Slot D
Slot E
Options
How to order
USC XXX XX XX XX X XX
• Linearization of V and A inputs up to 16 points
How to order
UscSoft-kit
UscSoft-kit: software plus “UCOM1” communication cable for
programming USC by means of PC.
Slot D (communication)
XX:
None
AV(*): Single analogue out-
put,
0 to 20mA DC and
0 to 10V DC
(*):
The two analogue
outputs cannot be
used at the same
time. It is possible to
plug in only one
module by signal
conditioner.


Similar Part No. - USCLSESYR2AVHTX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
USC RUBYCON-USC Datasheet
71Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130 ADVANTECH-USC-130 Datasheet
1Mb / 2P
Multi- purpose stand
14-Jul-2020
USC-130AP-BC106 ADVANTECH-USC-130AP-BC106 Datasheet
772Kb / 3P
11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130AP-BC201 ADVANTECH-USC-130AP-BC201 Datasheet
772Kb / 3P
11.6" ARM Based Android All-in-One Computer
6-Mar-2023
More results

Similar Description - USCLSESYR2AVHTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDM35V1D41 ETC2-EDM35V1D41 Datasheet
218Kb / 7P
Panel Meters and Controllers Panel Meter Modular
UDM35 ETC2-UDM35 Datasheet
667Kb / 11P
Digital Panel Meters Modular Indicator and Controller
UDM40 ETC2-UDM40 Datasheet
668Kb / 11P
Digital Panel Meters Modular Indicator and Controller
USC-DIN ETC2-USC-DIN Datasheet
399Kb / 12P
Digital Panel Meters Modular signal conditioner
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
Tyco Electronics
30030 MACOM-30030 Datasheet
644Kb / 12P
240 Series DIN Panel Meters
logo
M-System Co.,Ltd.
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com