Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USCLSESYR2AVHTX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # USCLSESYR2AVHTX
Description  Digital Panel Meters Modular signal conditioner Type USC-DIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USCLSESYR2AVHTX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  USCLSESYR2AVHTX Datasheet HTML 1Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 2Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 3Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 4Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 5Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 6Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 7Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 8Page - List of Unclassifed Manufacturers USCLSESYR2AVHTX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Specifications are subject to change without notice
USCDS040706
3
USC
Module
Inputs
Type
Accuracy
Temp. drift
Min. indication ( )
Max. indicat. ( )
BQ LSX/
BQ LSE/
BQ LSF
-200µA to +200µA
-2mA to +2mA
-20mA to +20mA
-200mV to +200mV
-2V to +2V
-20V to +20V
DC/AC
DC: ±(0.1%RDG+3DGT)
0%to 25% FS;
±(0.1%RDG+2DGT)
25% to 110% FS.
TRMS (45 to 65Hz)*:
±(0.3%RDG+3DGT)
0% to 25% FS;
±(0.3%RDG+2DGT)
25% to 110% FS.
±150 ppm/°C
- 200.0
- 2.000
- 20.00
- 200.0
- 2.000
- 20.00
+ 200.0
+ 2.000
+ 20.00
+ 200.0
+ 2,000
+ 20.00
BQ HSX
-200mA to +200mA
-2A to +2A
-5A to +5A
-20V to +20V
-200V to +200V
-500V to +500V
DC/AC
DC: ±(0.1%RDG+3DGT)
0% to 25% FS;
±(0.1%RDG+2DGT)
25% to 110% FS.
TRMS ( 45 to 65Hz)*:
±(0.3%RDG+3DGT)
0% to 25% FS;
±(0.3%RDG+2DGT)
25% to 110% FS.
±150 ppm/°C
- 200.0
- 2.000
- 5.000
- 20.00
- 200.0
- 500.0
+ 200.0
+ 2.000
+ 5.000
+ 20.00
+ 200.0
+ 500.0
BQ TRX
Thermo-
couple
-50°C to +760°C
-58 °F to +1400 °F
-200°C to +1260°C
-328 °F to +2300°F
-200°C to +1000°C
-328°F to +1832°F
-50°C to +1750°C
-58°F to +3182°F
-200°C to +400°C
-328°F to +752°F
J
J
K
K
E
E
S
S
T
T
±(0.2%RDG+1DGT)
±(0.2%RDG+2DGT)
±(0.2%RDG+2DGT)
±(0.2%RDG+4DGT)
±(0.2%RDG+2DGT)
±(0.2%RDG+4DGT)
±(0.2%RDG+2DGT)
±(0.2%RDG+4DGT)
±(0.2%RDG+2DGT)
±(0.2%RDG+4DGT)
±150 ppm/°C
- 50°C
- 58°F
- 200°C
- 328°F
- 200°C
- 328°F
- 50°C
- 58°F
- 200°C
- 328°F
+ 760°C
+ 1400°F
+ 1260°C
+ 2300°F
+ 100°C
+ 1832°F
+ 1750°C
+ 3182°F
+ 400°C
+ 752°F
BQ TRX
Thermo-
resis-
tance
-200°C to +850°C
-328°F to +1562°F
-200.0°C to +200.0°C
-328°F to +392°F
-200.0°C to +200.0°C
-328°F to +392°F
-200.0°C to +200.0°C
-328°F to +392°F
-200.0°C to +200.0°C
-328°F to +392°F
-60°C to +180°C
-76°F to +356°F
Pt100
Pt100
Pt100
Pt100
Pt250
Pt250
Pt500
Pt500
Pt1000
Pt1000
Ni100
Ni100
±(0.2%RDG +2DGT)
±(0.2%RDG +4DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +1DGT)
±(0.5%RDG +2DGT)
±150 ppm/°C
- 200
- 328
- 200.0
- 328
- 200.0
- 328
- 200.0
- 328
- 200.0
- 328
- 60
- 76
+ 850
+ 1562
+ 200.0
+ 392
+ 200.0
+ 392
+ 200.0
+ 392
+ 200.0
+ 392
+ 180
+ 356
BQ TRX
Resis-
tance
0 to 20
Ω
0 to 200
Ω
0 to 2000
Ω
0 to 20.00k
Ω
Ω
±(0.2%RDG+2DGT)
25% to 110% FS
±(0.2%RDG+3DGT)
0% to 25% FS
±150 ppm/°C
0
0
0
0
20.00 ( )
200.0 ( )
2000 ( )
20.00 ( )
Measurement accuracy, temp. drifts, max and min indications
All accuracies and min/max indications are referred to an ambient temp. range of 25°C ±5°C, rel. humidity
≤60% and scale ratio (electri-
cal/displayed scale) equal to 1. The conversion into °F is obtained acting on the electrical/displayed scale ratio.
(*) <45Hz, >65Hz: ±(0.5%RDG+3DGT) 0% to 25% FS; ±(0.5%RDG+2DGT) 25% to 110% FS.
( ) The min. indication for TRMS measurement (AC or DC) is 0; it is possible to modify the decimal point position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com