Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00234048 Datasheet(PDF) 13 Page - STMicroelectronics

Part # CD00234048
Description  Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00234048 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button CD00234048 Datasheet HTML 9Page - STMicroelectronics CD00234048 Datasheet HTML 10Page - STMicroelectronics CD00234048 Datasheet HTML 11Page - STMicroelectronics CD00234048 Datasheet HTML 12Page - STMicroelectronics CD00234048 Datasheet HTML 13Page - STMicroelectronics CD00234048 Datasheet HTML 14Page - STMicroelectronics CD00234048 Datasheet HTML 15Page - STMicroelectronics CD00234048 Datasheet HTML 16Page - STMicroelectronics CD00234048 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TSV62x, TSV62xA
Application information
Doc ID 15689 Rev 5
13/25
4
Application information
4.1
Operating voltages
TSV62x/TSV62xA devices can operate from 1.5 to 5.5 V. Their parameters are fully
specified for 1.8-, 3.3- and 5-V power supplies. However, the parameters are very stable in
the full VCC range and several characterization curves show the TSV62x/TSV62xA
characteristics at 1.5 V. Additionally, the main specifications are guaranteed in extended
temperature ranges from -40° C to +125° C.
4.2
Rail-to-rail input
The TSV62x/TSV62xA are built with two complementary PMOS and NMOS input differential
pairs. The devices have a rail-to-rail input, and the input common mode range is extended
from VCC- - 0.1 V to VCC+ + 0.1 V. The transition between the two pairs appears at
VCC+ - 0.7 V. In the transition region, the performance of CMRR, PSRR, Vio (Figure 16 and
Figure 17) and THD is slightly degraded.
The devices are guaranteed without phase reversal.
4.3
Rail-to-rail output
The operational amplifier’s output level can go close to the rails: 35 mV maximum above
and below the rail when connected to a 10 k
Ω resistive load to VCC/2.
Figure 16. Input offset voltage vs input
common mode at VCC = 1.5 V
Figure 17. Input offset voltage vs input
common mode at VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com