Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00234048 Datasheet(PDF) 17 Page - STMicroelectronics

Part # CD00234048
Description  Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00234048 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button CD00234048 Datasheet HTML 13Page - STMicroelectronics CD00234048 Datasheet HTML 14Page - STMicroelectronics CD00234048 Datasheet HTML 15Page - STMicroelectronics CD00234048 Datasheet HTML 16Page - STMicroelectronics CD00234048 Datasheet HTML 17Page - STMicroelectronics CD00234048 Datasheet HTML 18Page - STMicroelectronics CD00234048 Datasheet HTML 19Page - STMicroelectronics CD00234048 Datasheet HTML 20Page - STMicroelectronics CD00234048 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TSV62x, TSV62xA
Package information
Doc ID 15689 Rev 5
17/25
5.1
SOT23-8 package information
Figure 23. SOT23-8 package mechanical drawing
Table 9.
SOT23-8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.45
0.057
A1
0.15
0.006
A2
0.90
1.30
0.035
0.051
b
0.22
0.38
0.009
0.015
c
0.08
0.22
0.003
0.009
D
2.80
3
0.110
0.118
E
2.60
3
0.102
0.118
E1
1.50
1.75
0.059
0.069
e
0.65
0.026
e1
1.95
0.077
L
0.30
0.60
0.012
0.024
<0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com