Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2002D Datasheet(PDF) 6 Page - AZ Displays

Part # ACM2002D
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM2002D Datasheet(HTML) 6 Page - AZ Displays

Back Button ACM2002D Datasheet HTML 2Page - AZ Displays ACM2002D Datasheet HTML 3Page - AZ Displays ACM2002D Datasheet HTML 4Page - AZ Displays ACM2002D Datasheet HTML 5Page - AZ Displays ACM2002D Datasheet HTML 6Page - AZ Displays ACM2002D Datasheet HTML 7Page - AZ Displays ACM2002D Datasheet HTML 8Page - AZ Displays ACM2002D Datasheet HTML 9Page - AZ Displays ACM2002D Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ACM2002D SERIES LCD MODULE
AZ DISPLAYS, INC.
09/17/99
6
6.0 PIN ASSIGNMENT
7.0 POWER SUPPLY
Pin No.
Symbol
Function
1
Vss
Ground
2
Vdd
+5V
3
Vo
LCD contrast adjust
4
RS
Register select
5
R/W
Read / write
6
E
Enable
7
DB0
Data bit 0
8
DB1
Data bit 1
9
DB2
Data bit 2
10
DB3
Data bit 3
11
DB4
Data bit 4
12
DB5
Data bit 5
13
DB6
Data bit 6
14
DB7
Data bit 7
8.0 TIMING CHARACTERISTICS
Item
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Enable cycle time
t
C
Fig. a, Fig. b
500
-
-
ns
Enable pulse width
t
W
Fig. a, Fig. b
220
-
-
ns
Enable rise/fall time
t
R
, t
F
Fig. a, Fig. b
--
25
ns
RS, R/W set up time
t
SU
Fig. a, Fig. b
40
-
-
ns
RS, R/W hold time
t
H
Fig. a, Fig. b
10
-
-
ns
Data delay time
t
D
Fig. b
-
-
120
ns
Data set up time
t
DSU
Fig. a
60
-
-
ns
Data hold time
t
DH
Fig. a, Fig. b
20
-
-
ns
Vss
Vo
Vdd
Vr
+5V
STANDARD TEMP RANGE
Vss
Vo
Vdd
Vr
+5V
WIDE TEMP RANGE
-5V
Vr = 10K
Ω ~ 20KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com