Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2002D Datasheet(PDF) 10 Page - AZ Displays

Part # ACM2002D
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM2002D Datasheet(HTML) 10 Page - AZ Displays

Back Button ACM2002D Datasheet HTML 3Page - AZ Displays ACM2002D Datasheet HTML 4Page - AZ Displays ACM2002D Datasheet HTML 5Page - AZ Displays ACM2002D Datasheet HTML 6Page - AZ Displays ACM2002D Datasheet HTML 7Page - AZ Displays ACM2002D Datasheet HTML 8Page - AZ Displays ACM2002D Datasheet HTML 9Page - AZ Displays ACM2002D Datasheet HTML 10Page - AZ Displays ACM2002D Datasheet HTML 11Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACM2002D SERIES LCD MODULE
AZ DISPLAYS, INC.
09/17/99
10
11.0 DISPLAY INSTRUCTION TABLE
COMMAND
R
S
R/
W
DB
7
DB
6
DB
5
DB
4
DB
3
DB
2
DB
1
DB
0
DESCRIPTION
Executing
time
fosc=250khz
Clear
Display
0
0
0
0
0
0
0
0
0
1
Clears Display & Returns to Address 0.
1.64ms
Cursor at
Home
0
0
0
0
0
0
0
0
1
x
Returns Cursor to Address 0. Also
returns the display being shifted to the
original position. DDRAM contents
remain unchanged.
1.64ms
Entry Mode
Set
0
0
0
0
0
0
0
1
I/D
S
I/D: Set Cursor Moving Direction
I/D=1: Increment
I/D=0: Decrement
S: Specify Shift of Display
S=1: The display is shifted
S=0: The display is not shifted
40µs
Display
ON/OFF
Control
0
0
0
0
0
0
1
D
C
B
Display D=1: Display on
D=0: Display off
Cursor C=1: Cursor on
C=0: Cursor off
Brink
B=1: Brink on
B=0: Brink off
40µs
Cursor /
Display
Shift
0
0
0
0
0
1
S/C
R/L
x
x
Moves cursor or shifts the display w/o
changing DD RAM contents
S/C=0: Cursor Shift (RAM unchanged)
S/C=1: Display Shift (RAM unchanged)
R/L=1: Shift to the Right
R/L=0: Shift to the Left
40µs
Function
Set
0
0
0
0
1
DL
N
F
x
x
Sets data bus length (DL), # of display
lines (N), and character fonts (F).
DL=1: 8 bits
F=0: 5x7 dots
DL=0: 4 bits
F=1: 5x10 dots
N=0: 1 line display
N=1: 2 lines display
40µs
Set CG RAM
Address
0
0
0
1
Character Generator (CG) RAM
Address
Sets CG RAM address. CG RAM data is
sent and received after this instruction.
40µs
Set DD
RAM
Address
0
0
1
Display Data (DD) RAM Address /
Cursor Address
Sets DD RAM address. DD Ram data
is sent and received after this
instruction.
40µs
Busy Flag /
Address Read
0
1
B
F
Address counter used for both DD &
CG RAM address
Reads Busy Flag (BF) and address
counter contents.
40µs
Write Data
1
0
Write Data
Writes data into DDRAM or CGRAM.
46µs
Read Data
1
1
Read Data
Reads data from DDRAM or CGRAM.
46µs
x: Don't Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com