Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC485CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC485CS8
Description  Low Power RS485 Interface Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC485CS8 Datasheet HTML 5Page - Linear Technology LTC485CS8 Datasheet HTML 6Page - Linear Technology LTC485CS8 Datasheet HTML 7Page - Linear Technology LTC485CS8 Datasheet HTML 8Page - Linear Technology LTC485CS8 Datasheet HTML 9Page - Linear Technology LTC485CS8 Datasheet HTML 10Page - Linear Technology LTC485CS8 Datasheet HTML 11Page - Linear Technology LTC485CS8 Datasheet HTML 12Page - Linear Technology LTC485CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LTC485
9
485fi
applicaTions inForMaTion
The LTC485 output stage will maintain a high impedance
state until the breakdown of the N-channel or P-channel
is reached when going positive or negative respectively.
The output will be clamped to either VCC or ground by a
Zener voltage plus a Schottky diode drop, but this voltage
is way beyond the RS485 operating range. This clamp
protects the MOS gates from ESD voltages well over
2000V. Because the ESD injected current in the N-well or
substrateconsistsofmajoritycarriers,latchupisprevented
by careful layout techniques.
Propagation Delay
Many digital encoding schemes are dependent upon the
difference in the propagation delay times of the driver and
the receiver. Using the test circuit of Figure 13, Figures 11
and12showthetypicalLTC485receiverpropagationdelay.
The receiver delay times are:
|tPLH – tPHL| = 9ns Typ, VCC = 5V
The driver skew times are:
Skew = 5ns Typ, VCC = 5V
10ns Max, VCC = 5V, TA = –40°C to 85°C
Figure 11. Receiver tPHL
485 F11
DRIVER
OUTPUTS
RECEIVER
OUTPUTS
A
B
RO
Figure 12. Receiver tPLH
485 F12
DRIVER
OUTPUTS
RECEIVER
OUTPUTS
A
B
RO
Figure 13. Receiver Propagation Delay Test Circuit
D
R
RECEIVER
OUT
R
100
100pF
100pF
TTL IN
tr, tf < 6ns
BR
485 F13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com