Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC485CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC485CS8
Description  Low Power RS485 Interface Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC485CS8 Datasheet HTML 1Page - Linear Technology LTC485CS8 Datasheet HTML 2Page - Linear Technology LTC485CS8 Datasheet HTML 3Page - Linear Technology LTC485CS8 Datasheet HTML 4Page - Linear Technology LTC485CS8 Datasheet HTML 5Page - Linear Technology LTC485CS8 Datasheet HTML 6Page - Linear Technology LTC485CS8 Datasheet HTML 7Page - Linear Technology LTC485CS8 Datasheet HTML 8Page - Linear Technology LTC485CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC485
3
485fi
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out ot device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5%, unless otherwise noted. (Notes 2 and 3)
swiTching characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5%, unless otherwise noted. (Notes 2 and 3)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Supply Current
No Load, Pins 2, 3, 4 = 0V or 5V
Outputs Enabled
Outputs Disabled
l
l
500
300
900
500
μA
μA
IOSD1
Driver Short-Circuit Current, VOUT = HIGH VO = – 7V
l
35
100
250
mA
IOSD2
Driver Short-Circuit Current, VOUT = LOW VO = 10V
l
35
100
250
mA
IOSR
Receiver Short-Circuit Current
0V ≤ VO ≤ VCC
l
7
85
mA
tPLH
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF,
(Figures 3 and 5)
l
10
30
50
ns
tPHL
Driver Input to Output
l
10
30
50
ns
tSKEW
Driver Output to Output
l
5
10
ns
tr, tf
Driver Rise or Fall Time
l
3
15
25
ns
tZH
Driver Enable to Output High
CL = 100pF (Figures 4 and 6) S2 Closed
l
40
70
ns
tZL
Driver Enable to Output Low
CL = 100pF (Figures 4 and 6) S1 Closed
l
40
70
ns
tLZ
Driver Disable Time from Low
CL = 15pF (Figures 4 and 6) S1 Closed
l
40
70
ns
tHZ
Driver Disable Time from High
CL = 15pF (Figures 4 and 6) S2 Closed
l
40
70
ns
tPLH
Receiver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF,
(Figures 3 and 7)
l
30
90
200
ns
tPHL
l
30
90
200
ns
tSKD
|tPLH – tPHL| Differential Receiver Skew
l
13
ns
tZL
Receiver Enable to Output Low
CRL = 15pF (Figures 2 and 8) S1 Closed
l
20
50
ns
tZH
Receiver Enable to Output High
CRL = 15pF (Figures 2 and 8) S2 Closed
l
20
50
ns
tLZ
Receiver Disable from Low
CRL = 15pF (Figures 2 and 8) S1 Closed
l
20
50
ns
tHZ
Receiver Disable from High
CRL = 15pF (Figures 2 and 8) S2 Closed
l
20
50
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
Input High Voltage
DE, DI, RE
l
2
V
VIL
Input Low Voltage
DE, DI, RE
l
0.8
V
IIN1
Input Current
DE, DI, RE
l
±2
μA
IIN2
Input Current (A, B)
DE = 0, VCC = 0V or 5.25V
VIN = 12V
VIN = –7V
l
l
±1
–0.8
mA
mA
VTH
Differential Input Threshold Voltage for Receiver –7V ≤ VCM ≤ 12V
l
–0.2
0.2
V
ΔVTH
Receiver Input Hysteresis
VCM = 0V
l
70
mV
VOH
Receiver Output High Voltage
IO = –4mA, VID = 200mV
l
3.5
V
VOL
Receiver Output Low Voltage
IO = 4mA, VID = –200mV
l
0.4
V
IOZR
Three-State (High Impedance) Output Current
at Receiver
VCC = Max, 0.4V ≤ VO ≤ 2.4V
l
±1
μA
RIN
Receiver Input Resistance
–7V ≤ VCM ≤ 12V
l
12
kΩ
Note 3: All typicals are given for VCC = 5V and TA = 25°C.
Note 4: The LTC485 is guaranteed by design to be functional over a supply
voltage range of 5V ±10%. Data sheet parameters are guaranteed over the
tested supply voltage range of 5V ±5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com