Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1605ACSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1605ACSW
Description  16-Bit, 100ksps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1605ACSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1605ACSW Datasheet HTML 1Page - Linear Technology LTC1605ACSW Datasheet HTML 2Page - Linear Technology LTC1605ACSW Datasheet HTML 3Page - Linear Technology LTC1605ACSW Datasheet HTML 4Page - Linear Technology LTC1605ACSW Datasheet HTML 5Page - Linear Technology LTC1605ACSW Datasheet HTML 6Page - Linear Technology LTC1605ACSW Datasheet HTML 7Page - Linear Technology LTC1605ACSW Datasheet HTML 8Page - Linear Technology LTC1605ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
1605fc
LTC1605
LTC1605/LTC1605A
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
●
2.470
2.500
2.520
V
VREF Output Tempco
IOUT = 0
±5
ppm/
°C
Internal Reference Source Current
1
µA
External Reference Voltage for Specified Linearity
(Notes 9, 10)
2.30
2.50
2.70
V
External Reference Current Drain
Ext. Reference = 2.5V (Note 9)
●
100
µA
CAP Output Voltage
IOUT = 0
2.50
V
LTC1605/LTC1605A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-(Noise + Distortion) Ratio
1kHz Input Signal (Note 14)
87.5
dB
10kHz Input Signal
87
dB
20kHz, – 60dB Input Signal
30
dB
THD
Total Harmonic Distortion
1kHz Input Signal, First 5 Harmonics
– 102
dB
10kHz Input Signal, First 5 Harmonics
– 94
dB
Peak Harmonic or Spurious Noise
1kHz Input Signal
– 102
dB
10kHz Input Signal
– 94
dB
Full-Power Bandwidth
(Note 15)
275
kHz
Aperture Delay
40
ns
Aperture Jitter
Sufficient to Meet AC Specs
Transient Response
Full-Scale Step (Note 9)
2
µs
Overvoltage Recovery
(Note 16)
150
ns
(Notes 5, 14)
The
● denotes specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
LTC1605/LTC1605A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 9)
4.75V
≤ VANA ≤ 5.25V, 4.75V ≤ VDIG ≤ 5.25V
●
±10
V
CIN
Analog Input Capacitance
10
pF
RIN
Analog Input Impedance
20
k
Ω
ANALOG INPUT
DYNAMIC ACCURACY
INTERNAL REFERENCE CHARACTERISTICS
DIGITAL INPUTS AND DIGITAL OUTPUTS
The
● denotes specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
The
● denotes specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
LTC1605/LTC1605A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
●
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
●
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
●
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 4.75V
IO = –10µA
4.5
V
IO = – 200µA
●
4.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com