Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1605ACSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1605ACSW
Description  16-Bit, 100ksps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1605ACSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1605ACSW Datasheet HTML 1Page - Linear Technology LTC1605ACSW Datasheet HTML 2Page - Linear Technology LTC1605ACSW Datasheet HTML 3Page - Linear Technology LTC1605ACSW Datasheet HTML 4Page - Linear Technology LTC1605ACSW Datasheet HTML 5Page - Linear Technology LTC1605ACSW Datasheet HTML 6Page - Linear Technology LTC1605ACSW Datasheet HTML 7Page - Linear Technology LTC1605ACSW Datasheet HTML 8Page - Linear Technology LTC1605ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
1605fc
LTC1605
ELECTRICAL CHARACTERISTICS
Note 8: Bipolar offset is the offset voltage measured from – 0.5 LSB when
the output code flickers between 0000 0000 0000 0000 and 1111 1111
1111 1111.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note 11: With CS low the falling R/C edge starts a conversion. If R/C
returns high at a critical point during the conversion it can create small
errors. For best results ensure that R/C returns high within 3
µs after the
start of the conversion.
Note 12: As measured with fixed resistors shown in Figure 4. Adjustable to
zero with external potentiometer.
Note 13: Full-scale error is the worst-case of –FS or +FS untrimmed
deviation from ideal first and last code transitions, divided by the transition
voltage (not divided by the full-scale range) and includes the effect of
offset error.
Note 14: All specifications in dB are referred to a full-scale
±10V input.
Note 15: Full-power bandwidth is defined as full-scale input frequency at
which a signal-to-(noise + distortion) degrades to 60dB or 10 bits of
accuracy.
Note 16: Recovers to specified performance after (2 • FS) input
overvoltage.
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Change in CAP Voltage vs
Load Current
SUPPLY VOLTAGE (V)
4.50
9.5
10.0
10.5
11.0
11.5
12.0
12.5
4.75
5.00
5.25
5.50
1605 • TPC01
fSAMPLE = 100kHz
LOAD CURRENT (mA)
–25
10
30
50
15
1605 TPC03
–10
–30
0
20
40
–20
–40
–50
–15
–5
5
25
TEMPERATURE (
°C)
–50
10.0
10.5
11.0
11.5
12.0
–25
0
25
50
1605 • TPC02
75
100
fSAMPLE = 100kHz
Supply Current vs Temperature
Typical INL Curve
CODE
0
65535
1605 • TPC04
16384
32768
49152
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
CODE
0
65535
1605 • TPC05
16384
32768
49152
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Power Supply Feedthrough vs
Ripple Frequency
Typical DNL Curve
RIPPLE FREQUENCY (Hz)
–70
–60
–50
–40
–30
–20
1M
1605 • TPC06
1
100
10
1k
100k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com