Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1605CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1605CSW
Description  16-Bit, 100ksps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1605CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1605CSW Datasheet HTML 1Page - Linear Technology LTC1605CSW Datasheet HTML 2Page - Linear Technology LTC1605CSW Datasheet HTML 3Page - Linear Technology LTC1605CSW Datasheet HTML 4Page - Linear Technology LTC1605CSW Datasheet HTML 5Page - Linear Technology LTC1605CSW Datasheet HTML 6Page - Linear Technology LTC1605CSW Datasheet HTML 7Page - Linear Technology LTC1605CSW Datasheet HTML 8Page - Linear Technology LTC1605CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
1605fc
LTC1605
TYPICAL APPLICATIO
DESCRIPTIO
APPLICATIO S
FEATURES
16-Bit, 100ksps,
Sampling ADC
The LTC
®1605 is a 100ksps, sampling 16-bit A/D con-
verter that draws only 55mW (typical) from a single 5V
supply. This easy-to-use device includes sample-and-
hold, precision reference, switched capacitor successive
approximation A/D and trimmed internal clock.
The LTC1605’s input range is an industry standard
±10V.
Maximum DC specs include
±2.0LSB INL and 16-bits no
missing codes over temperature. An external reference
can be used if greater accuracy over temperature is
needed.
The ADC has a microprocessor compatible, 16-bit or two
byte parallel output port. A convert start input and a data
ready signal (BUSY) ease connections to FIFOs, DSPs and
microprocessors.
■ Single 5V Supply
■ Bipolar Input Range:
±10V
■
Power Dissipation: 55mW Typ
■ Guaranteed No Missing Codes
■ Sample Rate: 100ksps
■
Integral Nonlinearity:
±2.0LSB Max
■ Signal-to-Noise Ratio: 86dB Typ
■ Operates with Internal or External Reference
■
Internal Synchronized Clock
■ Improved 2nd Source to ADS7805 and AD976
■ 28-Pin 0.3” PDIP, SSOP and SW Packages
■ Industrial Process Control
■
Multiplexed Data Acquisition Systems
■ High Speed Data Acquisition for PCs
■ Digital Signal Processing
Low Power, 100kHz, 16-Bit Sampling ADC on 5V Supply
4k
20k
20k
200
Ω
REFERENCE
4k
10k
16-BIT
SAMPLING ADC
D15 TO D0
33.2k
2.2
µF
10
µF
0.1
µF
2.2
µF
±10V
INPUT
VIN
CAP
REF
AGND1
1
4
3
2
AGND2
5
DGND
14
CONTROL
LOGIC AND
TIMING
BUSY
BYTE
CS
R/C
28
27
6 TO 13
15 TO 22
26
25
24
23
DIGITAL
CONTROL
SIGNALS
1605 • TA01
16-BIT
OR 2 BYTE
PARALLEL
BUS
5V
VDIG VANA
BUFFER
Typical INL Curve
CODE
0
65535
1605 • TA02
16384
32768
49152
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1605CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605CSW LINER-LTC1605CSW Datasheet
490Kb / 16P
16-Bit, 100ksps, Sampling ADC
More results

Similar Description - LTC1605CSW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1876 AD-AD1876 Datasheet
190Kb / 12P
16-Bit 100 kSPS Sampling ADC
logo
Linear Technology
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
16-Bit, 100ksps, Sampling ADC
LTC1605-1 LINER-LTC1605-1 Datasheet
315Kb / 20P
Single Supply 16-Bit, 100ksps, Sampling ADCs
logo
Analog Devices
AD676 AD-AD676_15 Datasheet
391Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
Low Cost 16-Bit Sampling ADC
REV. D
logo
Linear Technology
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
Single Supply 16-Bit, 100ksps, Sampling ADCs
logo
Analog Devices
AD676 AD-AD676_17 Datasheet
421Kb / 17P
16-Bit 100 kSPS Sampling ADC
23-Feb-2017
DC682A AD-DC682A Datasheet
354Kb / 6P
8-Channel, 16-Bit, 100ksps SoftSpan ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com