Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRMS=14V Datasheet(PDF) 41 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors Leaded varistors, StandarD series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 41 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 37Page - EPCOS VRMS=14V Datasheet HTML 38Page - EPCOS VRMS=14V Datasheet HTML 39Page - EPCOS VRMS=14V Datasheet HTML 40Page - EPCOS VRMS=14V Datasheet HTML 41Page - EPCOS VRMS=14V Datasheet HTML 42Page - EPCOS VRMS=14V Datasheet HTML 43Page - EPCOS VRMS=14V Datasheet HTML 44Page - EPCOS VRMS=14V Datasheet HTML 45Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Non-standard, crimp style S4
Non-standard, crimp style S5
Figure 4
Figure 5
3.3
Component height (hmax) for crimped versions (non-standard)
Due to technical reasons the component height (hmax) increases if a crimp is added. The maxi-
mum height of the crimped component can be found in the table below.
Nominal diameter
mm
VRMS
V
Crimp style
mm
hmax
mm
5
11 ... 175
S2
5.0
10.0
5
210 ... 460
S3
5.0
10.0
7
11 ... 175
S2
5.0
12.0
7
210 ... 460
S3
5.0
12.0
10
11 ... 300
S5
7.5
15.5
10
320 ... 460
S3/S5
7.5
16.5
10
510
S3/S5
7.5
17.5
10
Automotive
S5
7.5
17.0
10
Automotive (D1 types) S5
7.5
16.0
10
11 ... 175
S4
5.0
16.5
10
210 ... 460
S3
5.0
16.5
14
11 ... 300
S5
7.5
20.0
14
320 ... 460
S3/S5
7.5
20.0
14
510
S3/S5
7.5
21.5
14
Automotive
S5
7.5
21.0
14
Automotive (D1 types) S5
7.5
20.0
20
11 ... 320
S5
10.0
27.0
20
385 ... 510
S5
10.0
27.5
Leaded varistors
B722*
StandarD series
Page 41 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com