Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRMS=14V Datasheet(PDF) 45 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors Leaded varistors, StandarD series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 45 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 38Page - EPCOS VRMS=14V Datasheet HTML 39Page - EPCOS VRMS=14V Datasheet HTML 40Page - EPCOS VRMS=14V Datasheet HTML 41Page - EPCOS VRMS=14V Datasheet HTML 42Page - EPCOS VRMS=14V Datasheet HTML 43Page - EPCOS VRMS=14V Datasheet HTML 44Page - EPCOS VRMS=14V Datasheet HTML 45Page - EPCOS VRMS=14V Datasheet HTML 46Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
Symbols and terms
Symbol
Term
C
Capacitance
Ctyp
Typical capacitance
i
Current
ic
Current at which Vc, max is measured
Ileak
Leakage current
imax
Maximum surge current (also termed peak current)
Imax
Maximum discharge current to IEC 61643-1
Inom
Nominal discharge current to IEC 61643-1
LCT
Lower category temperature
Ltyp
Typical inductance
Pmax
Maximum average power dissipation
Rins
Insulation resistance
Rmin
Minimum resistance
TA
Ambient temperature
tr
Duration of equivalent rectangular wave
UCT
Upper category temperature
v
Voltage
Vclamp
Clamping voltage
vc, max
Maximum clamping voltage at specified current ic
VDC
DC operating voltage
Vjump
Maximum jump start voltage
vmax
Maximum voltage
Vop
Operating voltage
VRMS
AC operating voltage, root-mean-square value
VRMS, op, max
Root-mean-square value of max. DC operating voltage incl. ripple current
Vsurge
Super imposed surge voltage
VV
Varistor voltage
∆V
V
Tolerance of varistor voltage
WLD
Maximum load dump
Wmax
Maximum energy absorption
Lead spacing
All dimensions are given in mm.
The commas used in numerical values denote decimal points.
Leaded varistors
B722*
StandarD series
Page 45 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com