Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP77 Datasheet(PDF) 1 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 1 Page - Analog Devices

  OP77 Datasheet HTML 1Page - Analog Devices OP77 Datasheet HTML 2Page - Analog Devices OP77 Datasheet HTML 3Page - Analog Devices OP77 Datasheet HTML 4Page - Analog Devices OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Next Generation OP07 Ultralow
Offset Voltage Operational Amplifier
OP77
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Outstanding gain linearity
Ultrahigh gain, 5000 V/mV min
Low VOS over temperature, 55 μV max
Excellent TCVOS, 0.3 μV/°C max
High PSRR, 3 μV/V max
Low power consumption, 60 mW max
Fits OP07, 725,108A/308A, 741 sockets
Available in die form
PIN CONNECTIONS
VOS TRIM 1
–IN
2
+IN
3
V–
4
VOS TRIM
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
OP77
TOP VIEW
(Not to Scale)
Figure 1. 8-Pin Hermetic
DIP_Q-8 (Z Suffix)
VOS TRIM
VOS TRIM
V+
4V– (CASE)
+IN
NC
NC = NO CONNECT
–IN
OUT
OP77
TOP VIEW
(Not to Scale)
7
3
1
5
6
2
8
4
Figure 2. TO-99
(J Suffix)
GENERAL DESCRIPTION
The OP77 significantly advances the state-of-the-art in
precision op amps. The outstanding gain of 10,000,000 or more
for the OP77 is maintained over the full 10 V output range. This
exceptional gain-linearity eliminates incorrectable system
nonlinearities common in previous monolithic op amps and
provides superior performance in high closed-loop gain
applications. Low initial VOS drift and rapid stabilization time,
combined with only 50 mW of power consumption, are
significant improvements over previous designs. These
characteristics, plus the exceptional TCVOS of 0.3 μV/°C
maximum and the low VOS of 25 μV maximum, eliminates the
need for VOS adjustment and increases system accuracy over
temperature.
A PSRR of 3 μV/V (110 dB) and CMRR of 1.0 μV/V maximum
virtually eliminate errors caused by power supply drifts and
common-mode signals. This combination of outstanding
characteristics makes the OP77 ideally suited for high resolution
instrumentation and other tight error budget systems.


Similar Part No. - OP77

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77 AD-OP77 Datasheet
458Kb / 12P
NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77 Datasheet
317Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
REV. C
OP77 AD-OP77 Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
380Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. G
logo
OPTEK Technologies
OP770A OPTEK-OP770A Datasheet
102Kb / 2P
NPN Pho totransistor with Collector- Emitter Capacitor
1/16
More results

Similar Description - OP77

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77 AD-OP77 Datasheet
458Kb / 12P
NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77_02 Datasheet
317Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
REV. C
OP07 AD-OP07_06 Datasheet
311Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. D
5962-8773802PA AD-5962-8773802PA Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP07 AD-OP07_15 Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP77 AD-OP77_15 Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com