Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP77 Datasheet(PDF) 3 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 3 Page - Analog Devices

  OP77 Datasheet HTML 1Page - Analog Devices OP77 Datasheet HTML 2Page - Analog Devices OP77 Datasheet HTML 3Page - Analog Devices OP77 Datasheet HTML 4Page - Analog Devices OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP77
Rev. E | Page 3 of 16
ELECTRICAL SPECIFICATIONS
@ VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
OP77E
OP77F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
10
25
20
60
μV
LONG-TERM STABILITY1
VOS/time
0.3
0.4
μV/Mo
INPUT OFFSET CURRENT
IOS
0.3
1.5
0.3
2.8
nA
INPUT BIAS CURRENT
IB
−0.2
+1.2
+2.0
−0.2
+1.2
+2.8
nA
INPUT NOISE VOLTAGE2
enp-p
0.1 Hz to 10 Hz
0.35
0.6
0.38
0.65
μVp-p
INPUT NOISE VOLTAGE DENSITY
en
fO = 10 Hz
10.3
18.0
10.5
20.0
nV/√Hz
fO = 100 Hz2
10.0
13.0
10.2
13.5
fO = 1000 Hz
9.6
11.0
9.8
11.5
INPUT NOISE CURRENT2
inp-p
0.1 Hz to 10 Hz
14
30
15
35
pAp-p
INPUT NOISE CURRENT DENSITY
in
fO = 10 Hz
0.32
0.80
0.35
0.90
pA√Hz
fO = 100 Hz2
0.14
0.23
0.15
0.27
fO = 1000 Hz
0.12
0.17
0.13
0.18
INPUT RESISTANCE
Differential Mode3
RIN
26
45
18.5
45
Common Mode
RINCM
200
200
INPUT VOLTAGE RANGE
IVR
±13
±14
±13
±14
V
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±13 V
0.1
1.0
0.1
1.6
μV/V
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±3 V to ±18 V
0.7
3.0
0.7
3.0
μV/V
LARGE-SIGNAL VOLTAGE GAIN
AVO
RL ≥ 2 kΩ
5000
12,000
2000
6000
V/mV
VO = ±10 V
OUTPUT VOLTAGE SWING
VO
RL ≥ 10 kΩ
±13.5
±14.0
±13.5
±14.0
V
RL ≥ 2 kΩ
±12.5
±13.0
±12.5
±13.0
RL ≥ 1 kΩ
±12.0
±12.5
±12.0
±12.5
SLEW RATE2
SR
RL ≥ 2 kΩ
0.1
0.3
0.1
0.3
V/μs
CLOSED-LOOP BANDWIDTH2
BW
AVCL + 1
0.4
0.6
0.4
0.6
MHz
OPEN-LOOP OUTPUT RESISTANCE
RO
60
60
Ω
POWER CONSUMPTION
Pd
VS = ±15 V, no load
50
60
50
60
mW
VS = ±3 V, no load
3.5
4.5
3.5
4.5
OFFSET ADJUSTMENT RANGE
Rp = 20 kn
±3
±3
mV
1 Long-term input offset voltage stability refers to the averaged trend line of VOS vs. time over extended periods after the first 30 days of operation. Excluding the initial
hour of operation, changes in VOS during the first 30 operating days are typically 2.5 μV.
2 Sample tested.
3 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com