Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS219B3-CS Datasheet(PDF) 9 Page - Powerex Power Semiconductors

Part # PS219B3-CS
Description  Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B3-CS Datasheet(HTML) 9 Page - Powerex Power Semiconductors

Back Button PS219B3-CS Datasheet HTML 3Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 4Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 5Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 6Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 7Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 8Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 9Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 10Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 11Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PS219B3-S, PS219B3-AS, PS219B3-CS
Intellimod™ Module
Dual-In-Line Intelligent Power Module
10 Amperes/600 Volts
9
12/11 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272 www.pwrx.com
Protection Function Timing Diagrams
A1
A4
A5
A2
SC
A7
A3
SET
RESET
RC CIRCUIT TIME CONTAINS
DELAY
SC REFERENCE VOLTAGE
A6
A8
N-SIDE
CONTROL INPUT
PROTECTION
CIRCUIT STATE
INTERNAL IGBT GATE
OUTPUT CURRENT IC
SENSE VOLTAGE OF
THE SHUNT RESISTOR
FAULT OUTPUT FO
Short-Circuit Protection (N-side only with the external shunt resistor and RC filter)
B1
B4
B5
B2
UVDt
B7
B3
SET
RESET
RESET
UVDr
B6
N-SIDE CONTROL INPUT
PROTECTION
CIRCUIT STATE
CONTROL SUPPLY
VOLTAGE VD
OUTPUT CURRENT IC
FAULT OUTPUT FO
Under-Voltage Protection (N-side, UVD)
A1: Normal operation – IGBT turn on and conducting current.
A2: Short-circuit current detected (SC trigger).
A3: All N-side IGBT gate hard interrupted.
A4: All N-side IGBTs turn off.
A5: FO output with a fixed pulse width of tFO(min) = 20µs.
A6: Input “L” – IGBT off.
A7: Input “H” – IGBT off in spite of “H” input.
A8: Normal operation – IGBT on and conducting current.
B1: Control supply voltage rise – After the voltage level reaches UVDr, the drive circuit begins to work
at the rising edge of the next input signal.
B2 : Normal operation – IGBT turn on and conducting current.
B3: Under-voltage trip (UVDt).
B4: All N-side IGBTs turn off regardless of the control input level.
B5: FO output during under-voltage period, however, the minimum pulse width is 20µs.
B6: Under-voltage reset (UVDr).
B7: Normal operation – IGBT turn on and conducting current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com