Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS219B3-CS Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS219B3-CS
Description  Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B3-CS Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS219B3-CS Datasheet HTML 1Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 2Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 3Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 4Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 5Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 6Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 7Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 8Page - Powerex Power Semiconductors PS219B3-CS Datasheet HTML 9Page - Powerex Power Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PS219B3-S, PS219B3-AS, PS219B3-CS
Intellimod™ Module
Dual-In-Line Intelligent Power Module
10 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272 www.pwrx.com
2
12/11 Rev. 0
Dim.
Inches
Millimeters
A
1.50±0.02
38.0±0.5
B
0.94±0.02
24.0±0.5
C
0.14
3.5
D
1.40
35.56
E
0.57±0.02
14.4±0.5
F
0.063 Rad.
1.6 Rad.
G
1.16±0.02
29.4±0.5
H
0.14
3.5
J
0.13
3.3
K
0.016
0.4
L
0.06±0.02
1.5±0.05
M
0.031
0.8
N
1.38±0.019
35.0±0.3
O
0.07±0.008
1.778±0.2
P
0.02
0.5
Q
0.47
12.0
Dim.
Inches
Millimeters
R
0.011
0.28
S
0.1046
2.656
T
0.024
0.6
U
0.1±0.008
2.54±0.2
V
0.098 Min.
2.5 Min.
W
0.1085
2.756
X
0.04
1.0
Y
0.05
1.2
Z
1.40
35.56
AA
0.22±0.02
5.5±0.5
AB
0.55±0.02
14.0±0.5
AC
0 ~ 5°
0 ~ 5°
AD
0.06 Min.
1.5 Min.
AE
0.05
1.2
AF
0.118 Min.
3.0 Min.
Outline Drawing and Circuit Diagram
D
N
O
P
A
HEATSINK SIDE
B
Q
R
R
T
U
P
AA
AE
F
AD
AC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
25
24
23
22
21
20
19
18
X
DETAIL “A”
DETAIL “B”
DETAIL "A"
Z
Y
Y
W
DETAIL "C"
S
V
TERMINAL
NUMBER
HEATSINK
SIDE
E
G
H
M
E
C
J
L
DETAIL "B"
K
K
DETAIL "C"
10 UN
11 VN
12 WN
13 VN1
14 FO
5 UP
6 VP
7 WP
8 VP1
9 VNC*
1-A NC(VNC)
1-B NC(VP1)
2 VUFB
3 VVFB
4 VWFB
20 NU
21 W
22 V
23 U
24 P
15 CIN
16 VNC*
17 VOT
18 NW
19 NV
TERMINAL CODE
*Two VNC terminals (9 & 16) are connected inside DIPIPM, please connect
either one to the 15V power supply GND outside and leave the other one open.
25 NC
P
P
P
AF
AB
PS219B3-AS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com