Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RD2-3CWC-L Datasheet(PDF) 75 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-L Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-L Datasheet HTML 71Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 72Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 73Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 74Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 75Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 76Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 77Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 78Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
75
Rev. F - 15 February, 2001
T89C51RD2
Figure 27. Clock Signal Waveform for ICC Tests in Active and Idle Modes
9.5. AC Parameters
9.5.1. Explanation of the AC Symbols
Each timing symbol has 5 characters. The first character is always a “T” (stands for time). The other characters,
depending on their positions, stand for the name of a signal or the logical status of that signal. The following is
a list of all the characters and what they stand for.
Example:TAVLL = Time for Address Valid to ALE Low.
TLLPL = Time for ALE Low to PSEN Low.
TA =0to+70
°C; V
SS =0V;VCC =5V ± 10%; M range.
TA = -40
°Cto+85°C; V
SS =0V;
VCC =5V ± 10%; M range.
TA =0to+70
°C; V
SS =0V;2.7V<VCC < 3.3 V; L range.
TA = -40
°Cto+85°C; V
SS =0V;2.7V<VCC < 3.3 V; L range.
AC characteristics of -M parts at 3 volts are similar to -L parts
(Load Capacitance for port 0, ALE and PSEN = 100 pF; Load Capacitance for all other outputs = 80 pF.)
Table 38, Table 41 and Table 44 give the description of each AC symbols.
Table 39, Table 42 and Table 45 give for each range the AC parameter.
Table 40, Table 43 and Table 46 give the frequency derating formula of the AC parameter for each speed range
description. To calculate each AC symbols. take the x value in the correponding column (-M or -L) and use this
value in the formula.
Example: TLLIU for -M and 20 MHz, Standard clock.
x=35ns
T=50ns
TCCIV =4T-x=165 ns
VCC-0.5V
0.45V
0.7VCC
0.2VCC-0.1
TCLCH
TCHCL
TCLCH = TCHCL = 5ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com