Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RD2-3CWC-L Datasheet(PDF) 86 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-L Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-L Datasheet HTML 78Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 79Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 80Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 81Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 82Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 83Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 84Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 85Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 86Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 86 / 86 page
background image
Rev. F - 15 February, 2001
86
T89C51RD2
10. Ordering Information
Packages:
3C: PDIL40
SL: PLCC44
RL: VQFP44 (1.4mm)
SM: PLCC68
RD: VQFP64, square-
package (1.4mm)
DD: Dice in ship tray
T
-M:
VCC: 4.5 to 5.5V
40MHz, X1 Mode
20MHz, X2 Mode
VCC: 3 to 5.5V
33 MHz, X1 mode
16 MHz, X2 mode
-L :
VCC: 2.7 to 3.6 V
25 MHz, X1 mode
12 MHz, X2 mode
S
Temperature Range
C: Commercial 0 to 70oC
I: Industrial -40 to 85oC
-3C
Conditioning
S: Stick
T: Tray
R: Tape & Reel
U: Stick + Dry Pack
V: Tray + Dry Pack
F: Tape & Reel + Dry Pack
B: Blue Tape
W: Wafer
M
89C51RD2
C
89C51RD2 (64k Flash)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com