Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRXC770 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PRXC770
Description  Fast Switching Thyristor 2100 Amperes 2000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PRXC770 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PRXC770 Datasheet HTML 1Page - Powerex Power Semiconductors PRXC770 Datasheet HTML 2Page - Powerex Power Semiconductors PRXC770 Datasheet HTML 3Page - Powerex Power Semiconductors PRXC770 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRX C770__
Fast Switching Thyristor
Powerex, Inc., 173 Pavilion Lane, Youngwood, PA
15697-1800 724-925-7272
WWW.PWRX.COM
2100 Amperes 2000 Volts
FEATURES:
Fast Turn-Off Time
High di/dt Capability
High dv/dt Capability
Hermetic Ceramic Package
Excellent Surge and I
2t Ratings
APPLICATIONS:
DC-AC Inverters
ORDERING INFORMATION
Pulse Power Switches
Select the complete Part Number using the table below.
EXAMPLE: PRX C770PN is a 1800V - 2100A SCR with 250ma
IGT and 12 inch gate and cathode potential leads.
PART
Voltage
Rating
Voltage
Code
Current
Rating
Turn-Off
Gate
Leads
VDRM-VRRM
Itavg
Tq
IGT
PRX C770__
2000
L
2100
60us
250ma
12"
1800
PN
1600
PM
1400
PD
Revised:
7/24/2012
The PRX C770 is a high voltage, high current disc
pack SCR employing a high di/dt, distributed gate
structure to optimize turn-on speed. This gate
design allows the SCR to be reliably operated at
high di/dt and dv/dt conditions in inverter
applications to 1KHz operating frequency.
Page 1 of 4


Similar Part No. - PRXC770

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PRX+1500 PIC-PRX+1500 Datasheet
22Kb / 1P
Ultraminiature Reed Sensor
PRX+1500-2 PIC-PRX+1500-2 Datasheet
22Kb / 1P
Ultraminiature Reed Sensor
PRX+1500-3 PIC-PRX+1500-3 Datasheet
22Kb / 1P
Ultraminiature Reed Sensor
PRX+1500-4 PIC-PRX+1500-4 Datasheet
22Kb / 1P
Ultraminiature Reed Sensor
PRX+1600 PIC-PRX+1600 Datasheet
22Kb / 1P
Radial Reed Sensor
More results

Similar Description - PRXC770

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
C781 POWEREX-C781 Datasheet
462Kb / 4P
Phase Control SCR 2500 Amperes Average 2100 Volts
C781PM POWEREX-C781PM Datasheet
192Kb / 4P
Phase Control SCR 2500 Amperes Average 1600-2100 Volts
logo
Dynex Semiconductor
TF219 DYNEX-TF219 Datasheet
252Kb / 13P
Fast Switching Thyristor
TF440 DYNEX-TF440 Datasheet
249Kb / 13P
Fast Switching Thyristor
TF708 DYNEX-TF708 Datasheet
250Kb / 13P
Fast Switching Thyristor
logo
Powerex Power Semicondu...
C712PB POWEREX-C712PB Datasheet
837Kb / 6P
Fast Switching Thyristor 1000 Amperes/Up to 2000 Volts
C712PD POWEREX-C712PD Datasheet
837Kb / 6P
Fast Switching Thyristor 1000 Amperes/Up to 2000 Volts
C781L POWEREX-C781L Datasheet
474Kb / 4P
Phase Control SCR 2500 Amperes Average 2100 Volts
logo
Power Semiconductors
ATF1040 POSEICO-ATF1040 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
ATF401 POSEICO-ATF401 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com