Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRXC770 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PRXC770
Description  Fast Switching Thyristor 2100 Amperes 2000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PRXC770 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PRXC770 Datasheet HTML 1Page - Powerex Power Semiconductors PRXC770 Datasheet HTML 2Page - Powerex Power Semiconductors PRXC770 Datasheet HTML 3Page - Powerex Power Semiconductors PRXC770 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRX C770__
Fast Switching Thyristor
Powerex, Inc., 173 Pavilion Lane, Youngwood, PA
15697-1800 724-925-7272
WWW.PWRX.COM
2100 Amperes 2000 Volts
Absolute Maximum Ratings
Characteristic
Symbol
Rating
Units
Repetitive Peak Voltage
VDRM-VRRM
1400 - 2000
Volts
Average On-State Current, TC=70°C
IT(Avg.)
2100
A
RMS On-State Current, TC=70°C
IT(RMS)
3299
A
Average On-State Current, TC=50°C
IT(Avg.)
2600
A
RMS On-State Current, TC=50°C
IT(RMS)
4084
A
Peak One Cycle Surge Current, 60Hz, VR=0V
ITSM
35,000
A
Peak One Cycle Surge Current, 50Hz, VR=0V
ITSM
32,998
A
Fuse Coordination I
2t, 60Hz
I
2t
5.10E+06
A
2s
Fuse Coordination I
2t, 50Hz
I
2t
5.44E+06
A
2s
Critical Rate-of-Rise of On-State Current
di/dt
300
A/us
Repetitive .67•VDRM
Critical Rate-of-Rise of On-State Current
di/dt
500
A/us
Non-Repetitive .67•VDRM
Peak Gate Power, 100us
PGM
44
Watts
Average Gate Power
PG(avg)
12
Watts
Operating Temperature
Tj
-40 to+125
°C
Storage Temperature
TStg.
-50 to+150
°C
Approximate Weight
3.5
lb
1.6
Kg
Mounting Force
9000-10000
lbs
40 - 44.5
KNewtons
Information presented is correct to the knowledge and capabilities of the
manufacturer. This information is subject to change without notice. The
manufacturer makes no claim as to suitability for use, reliability, capability or
future availability of this product.
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com