Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3263 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 Datasheet(HTML) 2 Page - Texas Instruments

  LM3263 Datasheet HTML 1Page - Texas Instruments LM3263 Datasheet HTML 2Page - Texas Instruments LM3263 Datasheet HTML 3Page - Texas Instruments LM3263 Datasheet HTML 4Page - Texas Instruments LM3263 Datasheet HTML 5Page - Texas Instruments LM3263 Datasheet HTML 6Page - Texas Instruments LM3263 Datasheet HTML 7Page - Texas Instruments LM3263 Datasheet HTML 8Page - Texas Instruments LM3263 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
4
3
2
1
Top View
4
3
2
1
Bottom View
A
B
C
D
A
B
C
D
ACB
ACB
FB
PVIN
PVIN
SW
SW
PGND
SGND
BGND
PACB
VIO
SDATA
SCLK
GPO1
SVDD
PVIN
PVIN
VIO
SCLK
SW
SW
SDATA
GPO1
FB
PGND
SGND
BGND
ACB
ACB
PACB
SVDD
1.8V
RFFE
Master
LM3263
VIO
BGND
PGND
1.5 µH
10 µF
4.7 µF
3 x 1.0 µF
VBATT
2.7V to 5.5V
10 µF
FB
ACB
SW
PACB
SVDD
3.3 nF
PVIN
0.1 µF
PA(s)
PA
2G
VCC_PA
3G/4G
VCC_PA
Output Voltage
0.4V to 3.6V
SCLK
SDATA
GPO1
SGND
LM3263
SNVS837A – JUNE 2013 – REVISED AUGUST 2013
www.ti.com
TYPICAL APPLICATION CIRCUIT
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
CONNECTION DIAGRAMS
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com