Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3263 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 9Page - Texas Instruments LM3263 Datasheet HTML 10Page - Texas Instruments LM3263 Datasheet HTML 11Page - Texas Instruments LM3263 Datasheet HTML 12Page - Texas Instruments LM3263 Datasheet HTML 13Page - Texas Instruments LM3263 Datasheet HTML 14Page - Texas Instruments LM3263 Datasheet HTML 15Page - Texas Instruments LM3263 Datasheet HTML 16Page - Texas Instruments LM3263 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LM3263
www.ti.com
SNVS837A – JUNE 2013 – REVISED AUGUST 2013
OPERATION DESCRIPTION
Device Information
The LM3263 is a high-efficiency step-down DC-DC converter optimized to power the RF power amplifier (PA) in
cell phones, portable communication devices, or battery-powered RF devices with a single Li-ion battery. It
operates in modulated-frequency Pulsed Width Modulation (PWM) mode for 2G transmissions (with
MODE=Forced PWM (PWM only), register 01h SMPS_CFG [5] set to 0b), automatic mode transition between
Pulse Frequency Modulation (PFM) and PWM for 3G/4G RF PA operation (with MODE=Auto-PFM (PFM/PWM),
SMPS_CFG bit 5 set to 1b), or Forced-Bypass mode (with SMPS_CFG [4] set to 1b or REGISTER_0 [6:0] set to
7Fh or register 03h VSET_CTRL [7:0] set to FEh-FFh). Power states are also in provided Shutdown, Low Power,
Standby, and Active modes. The DC-DC converter operates at Active mode. Please see LM3263 USER STATE
DIAGRAM and PROGRAMMABLE REGISTERS sections in detail.
PWM mode provides high efficiency and very low output-voltage ripple. In PWM mode operation, the modulated
switching frequency helps to reduce RF transmit noise. In PFM mode, the converter operates with reduced
switching frequencies and lower supply current to maintain high efficiencies. The forced bypass mode allows the
user to drive the output directly from the input supply through a bypass FET. The shutdown mode turns the
LM3263 off and reduces current consumption to 0.02 µA (typ).
In PWM and PFM mode of operation, the output voltage of the LM3263 can be dynamically programmed from
0.4V to 3.6V (typ) by setting the VSET register. Current overload protection and thermal overload protection are
also provided.
The LM3263 was engineered with Active Current assist and analog Bypass (ACB). This unique feature allows
the converter to support maximum load currents of 2.5A (min.) while keeping a small footprint inductor and
meeting all of the transient behaviors required for operation of a multi-mode RF Power Amplifier. The ACB circuit
provides an additional current path when the load current exceeds 1.45A (typ.) or as the switcher approaches
dropout. Similarly, the ACB circuit allows the converter to respond with faster VSET output voltage transition
times by providing extra output current on rising and falling output edges. The ACB circuit also performs the
function of analog bypass. Depending upon the input voltage, output voltage, and load current, the ACB circuit
automatically and seamlessly transitions the converter into analog bypass, while maintaining output voltage
regulation and low output voltage ripple. Full bypass (100% duty cycle operation) will occur if the total dropout
resistance in bypass mode (Rtot_drop = 45 mΩ) is insufficient to regulate the output voltage.
The LM3263’s 16-bump DSBGA package is the best solution for space-constrained applications such as cell
phones and other hand-held devices. The high switching frequency, 2.7MHz (typ.) in PWM mode, reduces the
size of input capacitors, output capacitor and of the inductor. Use of a DSBGA package is best suited for opaque
case applications and requires special design considerations for implementation. (Refer to DSBGA Package
Assembly And Use section below).
PWM Operation
The LM3263 operates in PWM mode when Forced-PWM mode operation is selected (SMPS_CFG [5] set to 0b).
The switching frequency is modulated, and the switcher regulates the output voltage by changing the energy per
cycle to support the load required. During the first portion of each switching cycle, the control block in the
LM3263 turns on the internal PFET switch. This allows current to flow from the input through the inductor and to
the output filter capacitor and load. The inductor limits the current to a ramp with a slope of (VBATT – VSET)/L, by
storing energy in its magnetic field.
During the second portion of each cycle, the control block turns the PFET switch off, blocking current flow from
the input, and then turns the NFET synchronous rectifier on. The inductor draws current from ground through the
NFET and to the output filter capacitor and load, which ramps the inductor current down with a slope of -VSET/L.
The output filter capacitor stores charge when the inductor current is greater than the load current and releases it
when the inductor current is less than the load current, smoothing the voltage across the load.
At the next rising edge of the clock, the cycle repeats. An increase of load pulls the output voltage down,
increasing the error signal. As the error signal increases, the peak inductor current becomes higher therefore
increasing the average inductor current. The output voltage is therefore regulated by modulating the PFET switch
on time to control the average current sent to the load. The circuit generates a duty-cycle modulated rectangular
signal that is averaged using a low pass filter formed by the inductor and output capacitor. The output voltage is
equal to the average of the duty-cycle modulated rectangular signal.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com