Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0434BA03230S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0434BA03230S
Description  433.92 MHz SAW Bandpass Filter, 0.18 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0434BA03230S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0434BA03230S Datasheet HTML 1Page - API Technologies Corp SF0434BA03230S Datasheet HTML 2Page - API Technologies Corp SF0434BA03230S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
These filters are manufactured on quartz, which provides optimal temperature performance and are available from 80
-1600 MHz. This TCRF is designed for narrowband IF filtering such as in satellite transponders, directional finders and
anti-jam modems. Other packaging styles are available for more rugged environments and applications. Standard part
numbers as well as custom solutions are available. Please contact sales for more information.
SAW Filter
433.92 MHz SAW Bandpass Filter, 0.18 MHz Bandwidth
SF0434BA03230S
TYPICAL PERFORMANCE
Center = 433.92 MHz, 1 MHz/div (12.5 kHz incr)
8/2012
• 5 x 5 mm Ceramic LCC Package, 8 Pads
• RoHS Compliant


Similar Part No. - SF0434BA03230S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0434BA03230S SPECTRUM-SF0434BA03230S Datasheet
1Mb / 3P
433.92 MHz SAW Bandpass Filter, 0.18 MHz Bandwidth
More results

Similar Description - SF0434BA03230S

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1404C RFM-RF1404C Datasheet
127Kb / 3P
433.92 MHz SAW Filter
RF1172D RFM-RF1172D Datasheet
115Kb / 2P
433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0944A TAI-SAW-TA0944A Datasheet
447Kb / 7P
SAW Filter 433.92 MHz
logo
RF Monolithics, Inc
RF3701E RFM-RF3701E Datasheet
459Kb / 2P
433.92 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0434BA02587S SPECTRUM-SF0434BA02587S Datasheet
355Kb / 3P
433.92 MHz SAW Filter 7 MHz Bandwidth
SF0434BA03230S SPECTRUM-SF0434BA03230S Datasheet
1Mb / 3P
433.92 MHz SAW Bandpass Filter, 0.18 MHz Bandwidth
logo
API Technologies Corp
SF0434BA02587S APITECH-SF0434BA02587S Datasheet
355Kb / 3P
433.92 MHz SAW Filter 7 MHz Bandwidth
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
433.92 MHz SAW Filter
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
433.92 MHz SAW Filter
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
433.92 MHz SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com