Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0434BA03230S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0434BA03230S
Description  433.92 MHz SAW Bandpass Filter, 0.18 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0434BA03230S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0434BA03230S Datasheet HTML 1Page - API Technologies Corp SF0434BA03230S Datasheet HTML 2Page - API Technologies Corp SF0434BA03230S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Min
Typ
Max
Units
Center Frequency, (Fc) 1
433.89
433.92
433.95
MHz
Minimum Insertion Loss
-
3.9
6
dB
Absolute Delay
-
3.15
-
us
1 dB Bandwidth 2
0.12
0.2
-
MHz
Lower 3 dB Frequency 2
-
433.79
433.83
MHz
Upper 3 dB Frequency 2
434.01
434.05
-
MHz
3 dB Bandwidth 2
0.18
0.26
-
MHz
50 dB Bandwidth 2
-
0.93
1
MHz
Relative Attenuation (10 - 433.38 MHz) 2
50
55
-
dB
Relative Attenuation (434.46 - 700 MHz) 2
50
55
-
dB
Turnover Temperature
-
0
-
°C
Temperature Coefficient of Frequency (Tc) 3
-0.032
ppm/°C2
Source and Load Impedance
50
ohms
Ambient Temperature (Tref)
-
25
-
°C
SPECIFICATION
Notes:
1. Reference frequency at 25°C. Computed as mean of the 3 dB frequencies.
2. All dB values are referenced to the insertion loss value.
3. Typical shift of frequency response with temperature is: Δf=(T-Tref)*Tc*Fc
Notes:
Recommend 2% or better tolerance matching components. Typical inductor Q=40.
Optimum values may change depending on board layout. Values shown are intended as a guide only.
MAXIMUM RATINGS
MATCHING CIRCUIT
Parameter
Min
Max
Units
Storage Temperature
-40
85
°C
Input Power Level
-
10
dBm
8/2012



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com