Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDB10150PI Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDB10150PI
Description  DUAL COMMON CATHODE SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB10150PI Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDB10150PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB10150PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB10150PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB10150PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB10150PI Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D0O004-002
1
SDB10150PI
Schottky Barrier Rectifier
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
Features
Low forward voltage drop and leakage current
Low power loss and High efficiency
High surge capability
Dual common cathode rectifier
Full lead(Pb)-free component and RoHS compliant device
Applications
Power supply - Output rectification
Converter
Free-wheeling diode
Reverse battery protection
Power inverters
Description
The SDB10150PI has two schottky barriers arranged in a common cathode configuration. Typical
applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery
protection.
Ordering Information
Device
Marking Code
Package
Packaging
SDB10150PI
SDB10150PI
TO-220F-3L
Tube
Marking Information
Product Characteristics
IF(AV)
2 X 5A
VRRM
150V
VFM at 125℃
0.75V
IFSM
120A
1
3
2
TO-220F-3L
1 2 3
Pin 1, 3 : Anode
Pin 2 : Cathode
AUK = Manufacture Logo
∆ = Control Code of Manufacture
YMDD = Date Code Marking
-. Y = Year Code
-. M = Monthly Code
-. D = Daily Code
SDB10150PI = Specific Device Code


Similar Part No. - SDB10150PI

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDB10150PI AUK-SDB10150PI Datasheet
309Kb / 4P
High Voltage Schottky Rectifier
logo
KODENSHI_AUK CORP.
SDB10150PI KODENSHI-SDB10150PI Datasheet
259Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results

Similar Description - SDB10150PI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com