Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDB10150PI Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDB10150PI
Description  DUAL COMMON CATHODE SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB10150PI Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDB10150PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB10150PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB10150PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB10150PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB10150PI Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-D0O004-002
2
Absolute Maximum Ratings (Limiting Values)
Characteristic
Symbol
Value
Unit
Maximum repetitive reverse voltage
Maximum working peak reverse voltage
Maximum DC blocking voltage
VRRM
VRWM
VR
150
V
Maximum average forward rectified current
per diode
IF(AV)
5
A
total device
10
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
120
A
Storage temperature range
Tstg
-45℃ to +150℃
℃
Maximum operating junction temperature
Tj
150
℃
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum thermal resistance junction to case
per diode
Rth(j-c)
4.0
℃
/W
total device
3.6
Electrical Characteristics (Per Diode)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak forward voltage drop
VFM
(1)
IFM = 5A
Tj=25℃
-
-
0.88
V
Tj=125℃
-
-
0.75
V
Reverse leakage current
IRM
(1)
VR = VRRM
Tj=25℃
-
-
10
uA
Tj=125℃
-
-
10
mA
Junction capacitance
Cj
VR = 4VDC, f=1MHz
-
80
-
pF
Note : (1) Pulse test : tP≤380 ㎲, Duty cycle≤2%
To evaluate the conduction losses use the following equation (Fig 4.) : PF = 0.72 x IF(AV) + 0.021 IF
2
(RMS)
SDB10150PI
IFM
2 IF(AV)
IF(AV)
VFM
Forward Voltage : VFM = Vto + rd IFM
Conduction Loss : PF = Vto IF(AV) + rd IF
2
(RMS)
rd
Vto



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com